Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL24CB-15 Datasheet (PDF) - Tripp Lite. All Rights Reserved

UL24CB-15 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # UL24CB-15
Download  UL24CB-15 Download
File Size   415.17 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Waber-by-Tripp Lite 6-Outlet Industrial Power Strip, 15-ft. Cord, Locking Switch Cover

UL24CB-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
UL24CB-15 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # UL24CB-15
Download  UL24CB-15 Click to download

File Size   415.17 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Waber-by-Tripp Lite 6-Outlet Industrial Power Strip, 15-ft. Cord, Locking Switch Cover

UL24CB-15 Datasheet (HTML) - Tripp Lite. All Rights Reserved


UL24CB-15 Product details

Description
The Waber-by-Tripp Lite UL24CB-15 Power Strip offers a convenient method of power distribution in workbench, wallmount or floor mount applications. Includes 6 NEMA 5-15R output receptacles with 1.625 inch center-to-center spacing, 15 foot AC line cord and keyhole mounting tabs for installation in a wide variety of applications. Corded, multi-outlet strip reduces cabling clutter and enables the connection of multiple electrical devices to a single AC wall socket. Unfiltered electrical pass-through makes UL24CB-15 ideal for distributing alternate waveform UPS or generator power. Features rugged all-metal housing, lighted power switch with transparent guard to prevent accidental shutoff, 15 amp resettable circuit breaker and attractive blue/gray color scheme.
PLUG/OUTLETS - Input: NEMA 5-15P/Output: 6 NEMA 5-15R
ELECTRICAL - 120VAC, 50/60Hz, 15A (Requires standard NEMA 5-15R wall receptacle)
FORMAT - Corded power distribution strip

Features
Multi-outlet power strip offers convenient power distribution in workbench, wallmount or floor mount applications
Includes 6 NEMA 5-15R output receptacles with 1.625 inch center-to-center outlet spacing
Lighted power switch with transparent snap-over guard to prevent accidental shutoff
Keyhole mounting tabs for installation in a wide variety of applications
UL1363 (USA), cUL (Canada)
15 amp power handling capacity with circuit breaker
15 foot AC line cord




Similar Part No. - UL24CB-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL24CB-15 ETC2-UL24CB-15 Datasheet
479Kb / 4P
Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
More results


Similar Description - UL24CB-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4SPDX ETC2-4SPDX Datasheet
483Kb / 4P
Waber-by-Tripp Lite 4-outlet Power Strip with 6-ft. Cord
6SPDX ETC2-6SPDX Datasheet
483Kb / 3P
Waber-by-Tripp Lite 6-outlet Power Strip with Illuminated Master Switch and 6-ft. Cord
6NX6 ETC2-6NX6 Datasheet
483Kb / 4P
Waber-by-Tripp Lite 6-outlet Power Strip with 6-ft. Cord
6SPDX-15 ETC2-6SPDX-15 Datasheet
484Kb / 3P
Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
602-15 ETC2-602-15 Datasheet
483Kb / 4P
Waber-by-Tripp Lite 5-outlet Power Strip with 15-ft. Cord
UL24CB-15 ETC2-UL24CB-15 Datasheet
479Kb / 4P
Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
UL24RA-15 ETC2-UL24RA-15 Datasheet
481Kb / 4P
Waber-by-Tripp Lite Power Strip with 6 Right-Angle Outlets and 15-ft. Cord
UL603CB-6 ETC2-UL603CB-6 Datasheet
484Kb / 4P
Waber-by-Tripp Lite 4-outlet Power Strip with Transparent Power Switch Cover and 6-ft. Cord
logo
Tripp Lite. All Rights ...
UL17CB-15 TRIPPLITE-UL17CB-15 Datasheet
479Kb / 3P
Waber-by-Tripp Lite 9-outlet Power Strip with 15-ft. Cord
UL17CB-15 TRIPPLITE-UL17CB-15_V01 Datasheet
34Kb / 3P
Tripp Lite Waber Industrial Power Strip, 9-Outlet, 15 ft. (4.57 m) Cord - Accommodates 1 Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com