Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

533B1102JL Datasheet (PDF) - Vishay Siliconix

533B1102JL Datasheet PDF - Vishay Siliconix
Part # 533B1102JL
Download  533B1102JL Download
File Size   98.72 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multi Turn Wirewound Potentiometer

533B1102JL Datasheet (PDF)

Go To PDF Page Download Datasheet
533B1102JL Datasheet PDF - Vishay Siliconix

Part # 533B1102JL
Download  533B1102JL Click to download

File Size   98.72 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multi Turn Wirewound Potentiometer

533B1102JL Datasheet (HTML) - Vishay Siliconix


533B1102JL Product details

FEATURES
• Bushing and servo mount designs available
• Linearity ± 0.25 %, down to 0.05 % on request
• Special resistance tolerances to 1 %
• Rear shaft extensions and support bearing
• Metric shaft available
• Dual gang configuration and concentric shafts
• High torque, center tap, slipping clutch on request
• Special markings and front shaft extensions
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 533B1102JL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
533B1103103FCXXXX VISHAY-533B1103103FCXXXX Datasheet
98Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
17-May-2018
533B1103103FLXXXX VISHAY-533B1103103FLXXXX Datasheet
98Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
17-May-2018
533B1103103JCXXXX VISHAY-533B1103103JCXXXX Datasheet
98Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
17-May-2018
533B1103103JLXXXX VISHAY-533B1103103JLXXXX Datasheet
98Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
17-May-2018
533B1103220FCXXXX VISHAY-533B1103220FCXXXX Datasheet
98Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
17-May-2018
More results


Similar Description - 533B1102JL

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
2 Diameter Single Turn Wirewound Precision Potentiometer
5710 BITECH-5710 Datasheet
120Kb / 4P
3 Diameter Single Turn Wirewound Precision Potentiometer
logo
TT Electronics.
7200 TTELEC-7200 Datasheet
844Kb / 5P
Multi-Turn Precision Potentiometer
7274 TTELEC-7274 Datasheet
671Kb / 4P
Multi-Turn Precision Potentiometer
7380 TTELEC-7380 Datasheet
992Kb / 4P
Multi-Turn Precision Potentiometer
8140 TTELEC-8140 Datasheet
1,006Kb / 4P
Multi-Turn Precision Potentiometer
7246 TTELEC-7246 Datasheet
641Kb / 3P
Multi-Turn Precision Potentiometer
7480 TTELEC-7480 Datasheet
969Kb / 4P
Multi-Turn Precision Potentiometer
8136 TTELEC-8136 Datasheet
645Kb / 3P
Multi-Turn Precision Potentiometer
9300 TTELEC-9300 Datasheet
742Kb / 4P
Multi-Turn Precision Potentiometer
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com