Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HX19N40LS Datasheet (PDF) - Guangdong Huixin Electronic Technology Co., Ltd.

HX19N40LS Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.
Part # HX19N40LS
Download  HX19N40LS Download
File Size   702.72 Kbytes
Page   5 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description N-Channel Enhancement Mode Power MOSFET

HX19N40LS Datasheet (PDF)

Go To PDF Page Download Datasheet
HX19N40LS Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HX19N40LS
Download  HX19N40LS Click to download

File Size   702.72 Kbytes
Page   5 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description N-Channel Enhancement Mode Power MOSFET

HX19N40LS Datasheet (HTML) - Guangdong Huixin Electronic Technology Co., Ltd.


HX19N40LS Product details

Features
⚫ Low gate charge and RDS(ON)
⚫ VDS= 40V,ID= 19A
RDS(on)< 23mΩ @VGS= 10V
Applications
⚫ Load switch
⚫ PWM application




Similar Part No. - HX19N40LS

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
VHF Narrow Band FM 300mW Transmitter
HX1-144.390-3 RADIOMETRIX-HX1-144.390-3 Datasheet
227Kb / 9P
VHF Narrow Band FM 300mW Transmitter
HX1-144.800-3 RADIOMETRIX-HX1-144.800-3 Datasheet
227Kb / 9P
VHF Narrow Band FM 300mW Transmitter
HX1-144390-10 RADIOMETRIX-HX1-144390-10 Datasheet
529Kb / 9P
VHF Narrow Band FM 300mW Transmitter
HX1-144800-10 RADIOMETRIX-HX1-144800-10 Datasheet
529Kb / 9P
VHF Narrow Band FM 300mW Transmitter
More results


Similar Description - HX19N40LS

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com