Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5611 Datasheet (PDF) - Monolithic Power Systems

MP5611 Datasheet PDF - Monolithic Power Systems
Part # MP5611
Download  MP5611 Download
File Size   853.19 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.9V to 5.2V Input, Triple-Output, 2.9V to 5.2V Input, Triple-Output,

MP5611 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP5611 Datasheet PDF - Monolithic Power Systems

Part # MP5611
Download  MP5611 Click to download

File Size   853.19 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.9V to 5.2V Input, Triple-Output, 2.9V to 5.2V Input, Triple-Output,

MP5611 Datasheet (HTML) - Monolithic Power Systems


MP5611 Product details

DESCRIPTION
The MP5611 is a triple-output converter across a 2.9 to 5.2V input voltage (VIN) range designed for small-size AMOLED (active matrix organic light-emitting diode) display power supplies.
The MP5611 integrates a boost converter for ELVDD, an inverting buck-boost (IBB) converter for ELVSS, and another boost converter for AVDD. The one wire digital control pin (CTRL) can program the ELVSS, ELVDD, and AVDD voltages following digital protocol.
The MP5611 supports an independent start-up sequence for AVDD and ELVDD via the separated enable pins (EN_AVDD and CTRL). It also integrates an optional fast discharge function after the IC has been disabled.
The device features rich protections, including VIN under-voltage lockout (UVLO), cycle-bycycle current limit protection, thermal shutdown protection, short output protection, and overcurrent protection (OCP) for AVDD and ELVDD.
The fully integrated synchronous rectification solution with low on resistance improves total system efficiency, minimizes external components, and reduces PCB layout size.
The MP5611 is available in a TQFN-16 (3mmx3mm) package.

FEATURES
• 2.9 to 5.2V Input Voltage (VIN) Range
• Triple Output AVDD, ELVDD, ELVSS
• High Accuracy for Output Voltage (VOUT)
• Good Line and Load Regulation
• Configurable VELVDD = 4.6V to 5.2V, Default 4.6V
• Configurable VELVSS = -1.4V to -6.4V, Default -4V
• 500mA Output Current (IOUT) for ELVDD and ELVSS
• Configurable VAVDD = 5V to 7.7V, Default 5.8V
• 100mA IOUT for AVDD
• Respective Enable for AVDD and ELVDD
• Soft Start (SS)
• Active Fast Discharge Function
• Cycle-by-Cycle Current Limit Protection
• AVDD Output Over-Current Protection (OCP) 90mA to 270mA
• ELVDD Output OCP 80mA to 650mA
• Output Short-to-GND Protection
• Over-Temperature Protection (OTP)
• Available in a TQFN-16 (3mmx3mm) Package

APPLICATIONS
• AMOLED Smartphones
• AMOLED Displays




Similar Part No. - MP5611

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5610 MPS-MP5610 Datasheet
968Kb / 15P
2.7V to 5.5V Input, 1.2MHz, Dual-ch LCD Bias Power Supply
MP5610GQG MPS-MP5610GQG Datasheet
968Kb / 15P
2.7V to 5.5V Input, 1.2MHz, Dual-ch LCD Bias Power Supply
MP5610GQG MPS-MP5610GQG Datasheet
366Kb / 8P
2.7V-5.5V Input Dual-Ch LCD Bias Power Supply Evaluation Board
More results


Similar Description - MP5611

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
logo
International Rectifier
M3G50T IRF-M3G50T_15 Datasheet
160Kb / 10P
50V Input, Triple Output
M3G70T IRF-M3G70T_15 Datasheet
177Kb / 12P
70V Input, Triple Output
M3G2803R305R4T IRF-M3G2803R305R4T_15 Datasheet
149Kb / 9P
28V Input, Triple Output
M3G2803R312T IRF-M3G2803R312T_15 Datasheet
147Kb / 10P
28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
28V Input, Triple Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
28V Input, Triple Output
logo
Maxim Integrated Produc...
MAX15038EVKIT MAXIM-MAX15038EVKIT Datasheet
234Kb / 8P
Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
MAX15050EVKIT MAXIM-MAX15050EVKIT Datasheet
676Kb / 6P
Operates from 2.9V to 5.5V Input Supply
Rev 0; 5/10
MAX17623EVKIT MAXIM-MAX17623EVKIT Datasheet
1Mb / 13P
2.9V to 5.5V Input-Voltage Range
Rev 1; 12/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com