Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8007GV Datasheet (PDF) - Monolithic Power Systems

MP8007GV Datasheet PDF - Monolithic Power Systems
Part # MP8007GV
Download  MP8007GV Download
File Size   1185.72 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter

MP8007GV Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8007GV Datasheet PDF - Monolithic Power Systems

Part # MP8007GV
Download  MP8007GV Click to download

File Size   1185.72 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter

MP8007GV Datasheet (HTML) - Monolithic Power Systems


MP8007GV Product details

DESCRIPTION
The MP8007 is an integrated IEEE 802.3af compatible PoE Powered Device with PD interface and power converter. It is targeted for isolated or non-isolated 13W PoE application.
The PD interface has all the functions of IEEE 802.3af, including detection, classification, 120mA inrush current, 840mA operation current limit as well as 100V Hot-swap MOSFET.
The DCDC converter uses fixed peak current and variable frequency discontinuous conduction mode (DCM) to regulate constant output voltage. The primary-side regulation without opto-coupler feedback in flyback mode simplifies the design while buck mode continues minimizes the solution size for nonisolated applications. A 180V integrated power MOSFET optimizes the device for various wide voltage applications.
The MP8007 features protection including over current protection, over voltage protection, open circuit protection and thermal shutdown.
The MP8007 can support a front-end solution for PoE-PD application with minimum external component, it is available in QFN-28 (4mmX5mm) package.

FEATURES
 Compatible with 802.3af Specifications
 Support 13W PoE Power Application
 100V 0.48Ω PD Integrated Pass Switch
 120mA PD Inrush Current
 840mA PD Operation Current Limit
 Auxiliary Adaptor ORing Power Supply
 Integrated 180V Switching Power MOSFET
 Supports Primary-Side Regulated Flyback without Opto-Coupler Feedback
 Supports Low-side Switch Buck Converter
 Up to 3A Programmable Switching Current Limit
 OLP, OVP, Open-Circuit, and Thermal Protection
 Minimal External Components
 Available in QFN-28 (4mmx5mm) Package

APPLICATIONS
 IEEE 802.3af-Compliant Devices
 Security Camera
 VoIP Phones
 WLAN Access Points
 IoT Devices




Similar Part No. - MP8007GV

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8007 MPS-MP8007 Datasheet
511Kb / 10P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
MP8007 MPS-MP8007 Datasheet
513Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
MP8007 MPS-MP8007 Datasheet
465Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
More results


Similar Description - MP8007GV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Monolithic Power System...
MP6004 MPS-MP6004 Datasheet
1Mb / 23P
Primary-Side Regulated Flyback/Buck 80V DCDC Converter
MP8004 MPS-MP8004 Datasheet
1Mb / 22P
13W 802.3af PoE Powered Device Interface with Flyback DC/DC Converter
MP8005 MPS-MP8005 Datasheet
303Kb / 11P
13W 802.3af PoE Powered Device (PD) Interface and PWM Controller
EV8004-QW-00A MPS-EV8004-QW-00A Datasheet
481Kb / 9P
13W 802.3af PoE Powered Device Interface with Flyback DC-DC Converter EV Board
EV8007-V-00A MPS-EV8007-V-00A Datasheet
511Kb / 10P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00C MPS-EV8007-V-00C Datasheet
513Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00D MPS-EV8007-V-00D Datasheet
465Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com