Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8740220GT Datasheet (PDF) - PREMIER DEVICES, INC.

S8740220GT Datasheet PDF - PREMIER DEVICES, INC.
Part # S8740220GT
Download  S8740220GT Download
File Size   62.45 Kbytes
Page   4 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description GaAs Push Pull Hybrid 40 - 870MHz 22.7dB min. Gain @ 870MHz 240mA max. @ 24VDC

S8740220GT Datasheet (PDF)

Go To PDF Page Download Datasheet
S8740220GT Datasheet PDF - PREMIER DEVICES, INC.

Part # S8740220GT
Download  S8740220GT Click to download

File Size   62.45 Kbytes
Page   4 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description GaAs Push Pull Hybrid 40 - 870MHz 22.7dB min. Gain @ 870MHz 240mA max. @ 24VDC

S8740220GT Datasheet (HTML) - PREMIER DEVICES, INC.


S8740220GT Product details

DESCRIPTION
• Hybrid Push Pull amplifier module employing GaAs dice

FEATURES
• Excellent linearity
• Superior return loss performance
• Extremely low distortion
• Optimal reliability
• Low noise
• Unconditionally stable under all terminations

APPLICATION
• 40 to 870 MHz CATV amplifier systems




Similar Part No. - S8740220GT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S8740220GT RFMD-S8740220GT Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
More results


Similar Description - S8740220GT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S8740190 ETC-S8740190 Datasheet
64Kb / 4P
Si Push Pull, 40 - 870MHz, 18.5dB min. Gain @870MHz, 240mA max. @ 24VDC
logo
PREMIER DEVICES, INC.
S8740340PT PDI-S8740340PT Datasheet
128Kb / 4P
GaAs Push Pull Hybrid 40 - 870MHz 34.5dB min. Gain @ 870MHz 300mA max. @ 24VDC
S8740280GT PDI-S8740280GT Datasheet
88Kb / 4P
GaAs Push Pull Hybrid 40 - 870MHz 28.0dB min. Gain @ 870MHz 260mA max. @ 24VDC
S8740260GT PDI-S8740260GT Datasheet
76Kb / 4P
GaAs Push Pull Hybrid 40 - 870MHz 26.0dB min. Gain @ 870MHz 240mA max. @ 24VDC
S8740240P PDI-S8740240P Datasheet
128Kb / 4P
GaAs Push Pull Hybrid 40 - 870MHz 23.5dB min. Gain @ 870MHz 255mA max. @ 24VDC
S8740240GT PDI-S8740240GT Datasheet
62Kb / 4P
GaAs Push Pull Hybrid 40 - 870MHz 24.2dB min. Gain @ 870MHz 240mA max. @ 24VDC
S8740220P PDI-S8740220P Datasheet
127Kb / 4P
GaAs Push Pull Hybrid 40 - 870MHz 22dB min. Gain @ 870MHz 270mA max. @ 24VDC
S8740200P PDI-S8740200P Datasheet
128Kb / 4P
GaAs Push Pull Hybrid 40 - 870MHz 20dB min. Gain @ 870MHz 260mA max. @ 24VDC
S8740190 PDI-S8740190 Datasheet
67Kb / 4P
Si Push Pull Hybrid 40 - 870MHz 18.5dB min. Gain @ 870MHz 240mA max. @ 24VDC
S8740180GT PDI-S8740180GT Datasheet
62Kb / 4P
GaAs Push Pull Hybrid 40 - 870MHz 18.7dB min. Gain @ 870MHz 240mA max. @ 24VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com