Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000-20CM Datasheet (PDF) - Dwyer Instruments,

2000-20CM Datasheet PDF - Dwyer Instruments,
Part # 2000-20CM
Download  2000-20CM Download
File Size   1846.53 Kbytes
Page   4 Pages
Manufacturer  DWYER [Dwyer Instruments,]
Direct Link  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,
Description MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%

2000-20CM Datasheet (PDF)

Go To PDF Page Download Datasheet
2000-20CM Datasheet PDF - Dwyer Instruments,

Part # 2000-20CM
Download  2000-20CM Click to download

File Size   1846.53 Kbytes
Page   4 Pages
Manufacturer  DWYER [Dwyer Instruments,]
Direct Link  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,
Description MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%

2000-20CM Datasheet (HTML) - Dwyer Instruments,


2000-20CM Product details

BENEFITS/FEATURES
• Easy to read gage through undistorted plastic face permits viewing from far away
• Patented design provides quick response to pressure changes means no delay in assessing critical situations
• Durable and rugged housing and high-quality components combine to provide longservice life and minimized down-time
• High accuracy option is twice as accurate as the standard Magnehelic® gage

APPLICATIONS
• Filter monitoring
• Air velocity with Dwyer® pitot tube
• Blower vacuum monitoring
• Fan pressure indication
• Duct, room or building pressures
• Clean room positive pressure indication




Similar Part No. - 2000-20CM

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2000-2141 WAGO-2000-2141 Datasheet
500Kb / 14P
Double potential terminal block; 1 mm²; both potentials can be commoned; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP®; 1,00 mm²; gray
24.11.2021
2000-2195 WAGO-2000-2195 Datasheet
53Kb / 3P
End and intermediate plate; 0.7 mm thick; gray
24.11.2021
2000-2196 WAGO-2000-2196 Datasheet
57Kb / 3P
End and intermediate plate; 0.7 mm thick; orange
24.11.2021
logo
Bourns Electronic Solut...
2000-220-RC BOURNS-2000-220-RC Datasheet
99Kb / 1P
Low radiation High operation frequency
logo
WAGO Kontakttechnik Gmb...
2000-2201 WAGO-2000-2201 Datasheet
730Kb / 15P
Double-deck terminal block; Through/through terminal block; L/L; without marker carrier; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP®; 1,00 mm²; gray
23.11.2021
More results


Similar Description - 2000-20CM

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD755 EXTECH-HD755_15 Datasheet
252Kb / 1P
Differential Pressure Manometers
logo
Advanced Thermal Soluti...
PTB-1000 ATS-PTB-1000 Datasheet
513Kb / 1P
DIFFERENTIAL PRESSURE TRANSDUCER BOARD FOR HIGHLY ACCURATE MEASUREMENTS WITHIN ELECTRONIC SYSTEMS
R2_0215
logo
Amphenol Corporation
T10 AMPHENOL-T10 Datasheet
103Kb / 8P
Measures differential, gage pressure, or vacuum
logo
Silicon Microstructures...
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
logo
Festo Corporation.
153499 FESTO-153499 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153502 FESTO-153502 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153504 FESTO-153504 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153513 FESTO-153513 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
logo
Renesas Technology Corp
8T39S11A RENESAS-8T39S11A Datasheet
1Mb / 36P
Crystal or Differential-to-Differential
November 29, 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com