Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3120 Datasheet (PDF) - Monolithic Power Systems

MP3120 Datasheet PDF - Monolithic Power Systems
Part # MP3120_V01
Download  MP3120 Download
File Size   762.05 Kbytes
Page   10 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect

MP3120 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP3120 Datasheet PDF - Monolithic Power Systems

Part # MP3120_V01
Download  MP3120 Click to download

File Size   762.05 Kbytes
Page   10 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect

MP3120 Datasheet (HTML) - Monolithic Power Systems


MP3120 Product details

DESCRIPTION
The MP3120 is a high efficiency synchronous, current mode step-up converter. The device can boost a single cell or two cells AA battery up to 5V.
The MP3120 can start up from an input voltage as low as 0.8V and provide in-rush current limiting as well as output short circuit protection. The integrated P-Channel synchronous rectified switch provides improved efficiency and eliminates the need of an external schottky diode. The P-MOS will disconnect the output from the input when EN is low. This output disconnect feature allows the output to be completely discharged, thus allowing the part to draw less than 1uA off current in shutdown mode.
The 1.1MHz switching frequency allows for smaller external components; the internal compensation and soft start minimize the external component count, all helps to produce a compact solution for a wide range of load current.
The MP3120 features an integrated power MOSFET that supports up to 5V output and a typical 1.2A switch current.
The device also can maintain the output voltage regulated even when the input voltage is above the output voltage.
The MP3120 is offered in a 6-lead ThinSOT23 package

FEATURES
 Up to 96% Efficiency
 True Output Disconnect from Input
 Inrush Current Limiting and Internal Soft-Start
 0.8V Low Voltage Start-Up
 Internal Synchronous Rectifier
 Current Mode Control with Internal Compensation
 Short-Circuit Protection
 1.1MHz Fixed Frequency Switching
 0.8V to 5V Input Range
 2.5V to 5V Output Range
 Tiny External Components
 Small 6-lead ThinSOT Package

APPLICATION
 Single-cell, Two-cell and Three-cell Alkaline, NiCd or NiMH or single-cell Li Battery Consumer Products
 MP3 Players
 Wireless Mouse
 Audio Recorders




Similar Part No. - MP3120_V01

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3120DJ MPS-MP3120DJ Datasheet
712Kb / 10P
1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
MP3120EJ MPS-MP3120EJ Datasheet
193Kb / 4P
1.2A, 1.1MHz Synchronous Boost Converter Evaluation Board
More results


Similar Description - MP3120_V01

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Seaward Electronics Inc...
SE3609 SEAWARD-SE3609 Datasheet
292Kb / 8P
1MHz/1.2A Synchronous Boost Converter
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
LR8421 LRC-LR8421 Datasheet
179Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
EV3120EJ-00A MPS-EV3120EJ-00A Datasheet
193Kb / 4P
1.2A, 1.1MHz Synchronous Boost Converter Evaluation Board
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com