Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW66H Datasheet (PDF) - Multicomp Pro

BCW66H Datasheet PDF - Multicomp Pro
Part # BCW66H
Download  BCW66H Download
File Size   430.13 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bipolar Single Transistor NPN

BCW66H Datasheet (PDF)

Go To PDF Page Download Datasheet
BCW66H Datasheet PDF - Multicomp Pro

Part # BCW66H
Download  BCW66H Click to download

File Size   430.13 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bipolar Single Transistor NPN

BCW66H Datasheet (HTML) - Multicomp Pro


BCW66H Product details

Features
• For general AF applications
• High current gain
• Low collector-emitter saturation voltage
• Complementary types: BCW67, BCW68 (PNP)

Applications
• General purpose medium power amplifier
• Switching application

Description
Transistor, NPN, 0.8A, 45V, SOT-23




Similar Part No. - BCW66H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BCW66H STMICROELECTRONICS-BCW66H Datasheet
39Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Oct-1997
logo
Zetex Semiconductors
BCW66H ZETEX-BCW66H Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCW66H SIEMENS-BCW66H Datasheet
134Kb / 6P
NPN Silicon AF Transistors (For general AF applications High current gain)
logo
Micro Commercial Compon...
BCW66H MCC-BCW66H Datasheet
90Kb / 2P
NPN Small Signal Transistor 330mW
logo
Infineon Technologies A...
BCW66H INFINEON-BCW66H Datasheet
50Kb / 5P
NPN Silicon AF Transistor
Jul-10-2001
More results


Similar Description - BCW66H

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSC5094 HSMC-HSC5094 Datasheet
60Kb / 7P
NPN SILICON BIPOLAR TRANSISTOR
logo
Microsemi Corporation
2N1893 MICROSEMI-2N1893 Datasheet
64Kb / 2P
NPN BIPOLAR TRANSISTOR
2N2369A MICROSEMI-2N2369A Datasheet
63Kb / 2P
NPN BIPOLAR TRANSISTOR
2N3501 MICROSEMI-2N3501 Datasheet
511Kb / 2P
NPN BIPOLAR TRANSISTOR
2N3700 MICROSEMI-2N3700 Datasheet
63Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
Advanced Semiconductor
AT41470 ASI-AT41470 Datasheet
14Kb / 1P
NPN SILICON BIPOLAR TRANSISTOR
logo
Microsemi Corporation
JAN2N2369A MICROSEMI-JAN2N2369A Datasheet
75Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
ON Semiconductor
BUD43D2 ONSEMI-BUD43D2 Datasheet
145Kb / 12P
Bipolar NPN Transistor
June, 2002 ??Rev. 2
logo
Seme LAB
2N3767SMD05 SEME-LAB-2N3767SMD05 Datasheet
21Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
KODENSHI_AUK CORP.
SUT041N KODENSHI-SUT041N Datasheet
402Kb / 6P
Dual NPN Bipolar transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com