Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP07D Datasheet (PDF) - Analog Devices

OP07D Datasheet PDF - Analog Devices
Part # OP07D
Download  OP07D Download
File Size   339.13 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150 關V Maximum Offset Voltage Op Amp

OP07D Datasheet (PDF)

Go To PDF Page Download Datasheet
OP07D Datasheet PDF - Analog Devices

Part # OP07D
Download  OP07D Click to download

File Size   339.13 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150 關V Maximum Offset Voltage Op Amp

OP07D Datasheet (HTML) - Analog Devices


OP07D Product details

GENERAL DESCRIPTION
The OP-07 has very low input offset voltage (25 μV maximum for OP07A) that is obtained by trimming at the wafer stage. These low offset voltages generally eliminate any need for external nulling. The OP-07 also features low input bias current (±2 nA for the OP-07A) and high open-loop gain (300 V/mV for the OP-07A). The low offset and high open-loop gain make the OP-07 particularly useful for high gain instrumentation applications.

FEATURES
• Low VOS ............................................ 25μV MAX
• Low VOS Drift ................................0.6μV/°C MAX
• Ultrastable vs Time ................. 1.0μV/Month MAX
• Low Noise ..................................... 0.6μVp-p MAX
• Wide Input Voltage Range ........................... ±14V
• Wide Supply Voltage Range ............. ±3V to ±18V
• Fits 725, 108A/308Am 741, AD510 Sockets
• 125°C Temperature-Tested Dice




Similar Part No. - OP07D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP07D TI-OP07D Datasheet
133Kb / 7P
PRECISION OPERATIONAL AMPLIFIERS
OP07D TI1-OP07D Datasheet
922Kb / 21P
Precision Operational Amplifie
OP07D TI-OP07D Datasheet
1Mb / 22P
OP07x Precision Operational Amplifiers
OP07
logo
Analog Devices
OP07D AD-OP07D Datasheet
251Kb / 16P
150 μV Maximum Offset Voltage Op Amp
Rev. A
logo
Maxim Integrated Produc...
OP07D/D MAXIM-OP07D/D Datasheet
262Kb / 8P
Low Offset Voltage Operational Amplifier
Rev 1; 8/95
More results


Similar Description - OP07D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD708 AD-AD708 Datasheet
415Kb / 8P
Ultralow Offset Voltage Dual Op Amp
REV.B
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
Ultralow Offset Voltage Dual Op Amp
REV.B
AD8677 AD-AD8677 Datasheet
290Kb / 16P
130 uV Maximum Offset Voltage Op Amp in TSOT
11/05-Revision 0
AD708 AD-AD708_06 Datasheet
351Kb / 16P
Ultralow Offset Voltage Dual Op Amp
REV. C
AD708 AD-AD708_15 Datasheet
352Kb / 16P
Ultralow Offset Voltage Dual Op Amp
REV. C
AD8677 AD-AD8677_15 Datasheet
328Kb / 16P
130 V Maximum Offset Voltage
REV. A
OP07D AD-OP07D_15 Datasheet
251Kb / 16P
150 V Maximum Offset Voltage Op Amp
REV. A
AD8677 AD-AD8677_16 Datasheet
358Kb / 17P
130 關V Maximum Offset Voltage Op Amp in TSOT
Rev. A
OP07D AD-OP07D_16 Datasheet
286Kb / 17P
150 關V Maximum Offset Voltage Op Amp
Rev. A
logo
STMicroelectronics
TSV7721 STMICROELECTRONICS-TSV7721 Datasheet
4Mb / 40P
High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
Rev 3 - May 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com