Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS622424 Datasheet (PDF) - Mosel Vitelic, Corp

MS622424 Datasheet PDF - Mosel Vitelic, Corp
Part # MS622424
Download  MS622424 Download
File Size   70.85 Kbytes
Page   11 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 8K x 24 BIT CMOS COLOR MAP

MS622424 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS622424 Datasheet PDF - Mosel Vitelic, Corp

Part # MS622424
Download  MS622424 Click to download

File Size   70.85 Kbytes
Page   11 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 8K x 24 BIT CMOS COLOR MAP

MS622424 Datasheet (HTML) - Mosel Vitelic, Corp


MS622424 Product details

Description
The MS622424 is a high performance, full CMOS, 8K x 24, 192K-bit pipelined static memory. This device is specifically designed for use as a color look-up table in high resolution video display systems. When two of these devices are operated in parallel, the resulting system will be capable of supporting a display of 1280 x 1024 bit mapped color graphics with 13 bits per pixel in the Color Index Mode or 24 bits per pixel in the RGB Mode.

Features
■ Color Index Mode supports up to 8192 simultaneous colors out of 16.7 million total colors
■ 24-bit RGB Mode allows full true color display
■ High-speed operation capable of supporting resolutions up 1280 x 1024
■ Available in 100-pin PQFP and MQUAD packages
■ Unique “Write-Buffer” at MPU port permits dualport-like operation using an economical singleport memory core
■ All TTL compatible inputs and outputs
■ 60, 70 and 80 MHz pipelined operation
■ Standard MPU Interface




Similar Part No. - MS622424

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
32K x 8 CMOS Static RAM
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
32K x 8 HIGH SPEED CMOS STATIC RAM
MS62256H-15NC MOSEL-MS62256H-15NC Datasheet
108Kb / 9P
32K x 8 HIGH SPEED CMOS STATIC RAM
MS62256H-15RC MOSEL-MS62256H-15RC Datasheet
108Kb / 9P
32K x 8 HIGH SPEED CMOS STATIC RAM
MS62256H-20NC MOSEL-MS62256H-20NC Datasheet
108Kb / 9P
32K x 8 HIGH SPEED CMOS STATIC RAM
More results


Similar Description - MS622424

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM56824A MOTOROLA-MCM56824A Datasheet
147Kb / 10P
8K x 24 Bit Fast Static RAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
CMOS 8K x 8-Bit SRAM
logo
Lyontek Inc.
LY65W64 LYONTEK-LY65W64_12 Datasheet
334Kb / 12P
8K X 8 BIT HIGH SPEED CMOS SRAM
LY6164_1008 LYONTEK-LY6164_1008 Datasheet
234Kb / 13P
8K X 8 BIT HIGH SPEED CMOS SRAM
LY6564 LYONTEK-LY6564_12 Datasheet
330Kb / 12P
8K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
8K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164_16 Datasheet
783Kb / 15P
8K X 8 BIT HIGH SPEED CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com