Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5972 Datasheet (PDF) - STMicroelectronics

L5972 Datasheet PDF - STMicroelectronics
Part # L5972
Download  L5972 Download
File Size   173.64 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2A SWITCH STEP DOWN SWITCHING REGULATOR

L5972 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5972 Datasheet PDF - STMicroelectronics

Part # L5972
Download  L5972 Click to download

File Size   173.64 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2A SWITCH STEP DOWN SWITCHING REGULATOR

L5972 Datasheet (HTML) - STMicroelectronics


L5972 Product details

DESCRIPTION

The L5972D is a step down monolithic power switch ing regulator with a minimum switch current limit of 2A so it is able to deliver more than 1.5A DC current to the load depending on the application conditions.

The output voltage can be set from 1.235V to 35V.



■2A INTERNAL SWITCH

■OPERATING INPUT VOLTAGE FROM 4.4V TO 36V

■OUTPUT VOLTAGE ADJUSTABLE FROM 1.235V TO 35V

■LOW DROPOUT OPERATION: 100% DUTY CYCLE

■250KHz INTERNALLY FIXED FREQUENCY

■VOLTAGE FEEDFORWARD

■ZERO LOAD CURRENT OPERATION

■INTERNAL CURRENT LIMITING

■PROTECTION AGAINST FEEDBACK DISCONNECTION

■THERMAL SHUTDOWN



APPLICATIONS:

■CONSUMER: STB, DVD, TV, VCR,CAR RADIO, LCD MONITORS

■NETWORKING: XDSL, MODEMS,DC-DC MODULES

■COMPUTER: PRINTERS, AUDIO/GRAPHIC CARDS, OPTICAL STORAGE, HARD DISK DRIVE

■INDUSTRIAL: CHARGERS, CAR BATTERY DC-DC CONVERTERS




Similar Part No. - L5972

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5972D STMICROELECTRONICS-L5972D Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
L5972D STMICROELECTRONICS-L5972D Datasheet
237Kb / 15P
2A switch step down switching regulator
16-Oct-2007
L5972D013TR STMICROELECTRONICS-L5972D013TR Datasheet
237Kb / 15P
2A switch step down switching regulator
16-Oct-2007
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
2A switch step down switching regulator
16-Oct-2007
More results


Similar Description - L5972

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
2A STEP DOWN SWITCHING REGULATOR
May-2000
L5973AD STMICROELECTRONICS-L5973AD Datasheet
185Kb / 14P
2A SWITCH STEP DOWN SWITCHING REGULATOR
Rev. 3
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
600kHz, 2A Step-Down Switching Regulator
logo
STMicroelectronics
A5972D STMICROELECTRONICS-A5972D Datasheet
697Kb / 12P
2A switch step down switching regulator for automotive applications
05-Nov-2007
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
2A switch step down switching regulator
16-Oct-2007
logo
Monolithic Power System...
MP1410 MPS-MP1410 Datasheet
161Kb / 9P
2A Step-Down Switch-Mode Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com