Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P090 Datasheet (PDF) - TT Electronics.

P090 Datasheet PDF - TT Electronics.
Part # P090
Download  P090 Download
File Size   525.79 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Panel Potentiometer

P090 Datasheet (PDF)

Go To PDF Page Download Datasheet
P090 Datasheet PDF - TT Electronics.

Part # P090
Download  P090 Click to download

File Size   525.79 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Panel Potentiometer

P090 Datasheet (HTML) - TT Electronics.


P090 Product details

Features:
• 9 mm rotary
• Insulated shaft
• Conductive plastic element
• 100,000 cycle life
• Snap-in clip




Similar Part No. - P090

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P090 BITECH-P090 Datasheet
199Kb / 3P
9mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element 100,000 Cycle Life Snap-in Clip RoHS Compliant
logo
TT Electronics.
P090 TTELEC-P090 Datasheet
546Kb / 3P
Panel Potentiometer
logo
E-SWITCH
P090004 E-SWITCH-P090004 Datasheet
157Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P090006 E-SWITCH-P090006 Datasheet
175Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
UN Semiconducctor INC
P0900DM UNSEMI-P0900DM Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
More results


Similar Description - P090

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE60 VISHAY-PE60 Datasheet
123Kb / 5P
Power Panel Potentiometer
05-Jun-08
logo
TT Electronics.
P08X TTELEC-P08X Datasheet
1Mb / 7P
Panel Potentiometer
P09X TTELEC-P09X Datasheet
976Kb / 6P
Panel Potentiometer
P090 TTELEC-P090 Datasheet
546Kb / 3P
Panel Potentiometer
P110 TTELEC-P110 Datasheet
629Kb / 4P
Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_17 Datasheet
120Kb / 5P
Power Panel 6 W Potentiometer
04-Jul-17
logo
CTS Corporation
09VR CTS-09VR Datasheet
1Mb / 7P
9mm Panel Potentiometer
11VR CTS-11VR Datasheet
1Mb / 8P
11mm Panel Potentiometer
14VR CTS-14VR Datasheet
922Kb / 5P
14mm Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_V01 Datasheet
758Kb / 5P
Power Panel 6 W Potentiometer
12-Dec-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com