Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6067651 Datasheet (PDF) - SICK AG

6067651 Datasheet PDF - SICK AG
Part # 6067651
Download  6067651 Download
File Size   408.76 Kbytes
Page   6 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description MAGNETIC SENSORS

6067651 Datasheet (PDF)

Go To PDF Page Download Datasheet
6067651 Datasheet PDF - SICK AG

Part # 6067651
Download  6067651 Click to download

File Size   408.76 Kbytes
Page   6 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description MAGNETIC SENSORS

6067651 Datasheet (HTML) - SICK AG


6067651 Product details

Features
Detection range typ. 200 mm
Operating height 10 mm ... 70 mm
Electrical wiring DC 4-wire
Enclosure rating IP65 IP67 IP68




Similar Part No. - 6067651

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6067 SCHURTER-6067 Datasheet
392Kb / 3P
IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
6067-H-ABC0-D-E SCHURTER-6067-H-ABC0-D-E Datasheet
392Kb / 3P
IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
logo
JUMO UK LTD
606710 JUMOUKLTD-606710 Datasheet
336Kb / 8P
Process connections for thermostats
logo
TE Connectivity Ltd
606713-1 TEC-606713-1 Datasheet
531Kb / 2P
AMPOWER QUICK DISCONNECT
logo
JUMO UK LTD
606715 JUMOUKLTD-606715 Datasheet
127Kb / 2P
JUMO setpoint adjusters for thermostats, EM series
2012-09-07
More results


Similar Description - 6067651

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
ILUS2 CARLOGAVAZZI-ILUS2 Datasheet
79Kb / 2P
Proximity Magnetic sensors Level Magnetic Sensors
SMS10 CARLOGAVAZZI-SMS10 Datasheet
153Kb / 2P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMS03 CARLOGAVAZZI-SMS03 Datasheet
244Kb / 4P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
logo
Balluff Korea Ltd.
BMF00N0 BALLUFF-BMF00N0 Datasheet
158Kb / 4P
Magnetic Sensors
BMF00N3 BALLUFF-BMF00N3 Datasheet
152Kb / 4P
Magnetic Sensors
BMF00N9 BALLUFF-BMF00N9 Datasheet
157Kb / 4P
Magnetic Sensors
BMF00NM BALLUFF-BMF00NM Datasheet
158Kb / 4P
Magnetic Sensors
BMP000Y BALLUFF-BMP000Y Datasheet
120Kb / 2P
Magnetic Sensors
BMP000Z BALLUFF-BMP000Z Datasheet
120Kb / 2P
Magnetic Sensors
BMP0010 BALLUFF-BMP0010 Datasheet
120Kb / 2P
Magnetic Sensors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com