Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4097520 Datasheet (PDF) - SICK AG

4097520 Datasheet PDF - SICK AG
Part # 4097520
Download  4097520 Download
File Size   408.76 Kbytes
Page   6 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description MAGNETIC SENSORS

4097520 Datasheet (PDF)

Go To PDF Page Download Datasheet
4097520 Datasheet PDF - SICK AG

Part # 4097520
Download  4097520 Click to download

File Size   408.76 Kbytes
Page   6 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description MAGNETIC SENSORS

4097520 Datasheet (HTML) - SICK AG


4097520 Product details

Features
Detection range typ. 200 mm
Operating height 10 mm ... 70 mm
Electrical wiring DC 4-wire
Enclosure rating IP65 IP67 IP68




Similar Part No. - 4097520

ManufacturerPart #DatasheetDescription
logo
Philips Lighting N.V
40975160 PHILIPSLIGHTING-40975160 Datasheet
159Kb / 5P
Halogen reflector
Sunday 2nd March, 2014
More results


Similar Description - 4097520

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
ILUS2 CARLOGAVAZZI-ILUS2 Datasheet
79Kb / 2P
Proximity Magnetic sensors Level Magnetic Sensors
SMS10 CARLOGAVAZZI-SMS10 Datasheet
153Kb / 2P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMS03 CARLOGAVAZZI-SMS03 Datasheet
244Kb / 4P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
logo
Balluff Korea Ltd.
BMF00N0 BALLUFF-BMF00N0 Datasheet
158Kb / 4P
Magnetic Sensors
BMF00N3 BALLUFF-BMF00N3 Datasheet
152Kb / 4P
Magnetic Sensors
BMF00N9 BALLUFF-BMF00N9 Datasheet
157Kb / 4P
Magnetic Sensors
BMF00NM BALLUFF-BMF00NM Datasheet
158Kb / 4P
Magnetic Sensors
BMP000Y BALLUFF-BMP000Y Datasheet
120Kb / 2P
Magnetic Sensors
BMP000Z BALLUFF-BMP000Z Datasheet
120Kb / 2P
Magnetic Sensors
BMP0010 BALLUFF-BMP0010 Datasheet
120Kb / 2P
Magnetic Sensors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com