Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5802PWP Datasheet (PDF) - Texas Instruments

TAS5802PWP Datasheet PDF - Texas Instruments
Part # TAS5802PWP
Download  TAS5802PWP Download
File Size   3384.27 Kbytes
Page   106 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation

TAS5802PWP Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5802PWP Datasheet PDF - Texas Instruments

Part # TAS5802PWP
Download  TAS5802PWP Click to download

File Size   3384.27 Kbytes
Page   106 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation

TAS5802PWP Datasheet (HTML) - Texas Instruments


TAS5802PWP Product details

1 Features
• Supports multiple output configurations
– 2 × 22.7W, BTL mode(8Ω, 20V, THD+N=1%)
– 2 × 28W, BTL mode(6Ω, 20V, THD+N=1%)
• Excellent audio performance:
– 65uVrms Idle noise (typical)
– THD+N ≤ 0.06% at 1W, 1kHz, PVDD = 12V
– SNR ≥ 108dB (A-weighted)
• High-efficiency class-D and better thermal
performance:
– > 90% Power efficiency, 120mΩ RDS(on)
• Flexible audio I/O:
– I2S, LJ, RJ, TDM
– Supports 32, 44.1, 48, 88.2, 96kHz sample
rates
– SDOUT for Audio monitoring, sub-channel,
echo cancellation
– Supports stereo bridge-tied (BTL)
• Enhanced audio processing
– Multi-band advanced DRC+AGL
– 2×15 BQs with smart EQ
– Dynamic EQ and smart bass
– DC Blocking
• Excellent power consumption profile:
– Non-latching over-current error (OCE)
– Enhanced over-temperature protection
• Over-temperature warn (OTW)
• Over-temperature error (OTE)
– Under/over-voltage lock-out (UVLO/OVLO)
• Easy system integration
– Flexible control strategy
• Software control (full features)
– Reduced solution size
• Fewer passives required compare with open
loop devices
• Inductor-less operation (ferrite bead) for
most cases where PVDD ≤ 12V

2 Applications
• Sounds bars, PC audio
• Wireless, Bluetooth speakers
• DTV, HDTV, UHD and multi-purpose monitors

3 Description
The TAS5802 is a 2×22 W digital input Class-D audio
amplifier for driving loudspeakers used in consumer,
commercial, and industrial electronics. The device
is highly flexible, allowing operation with a range of
control methods, power supply configurations, and
audio I/O arrangements.
The TAS5802 high-performance closed-loop
architecture and wide-switching frequency range
reduce the solution size by reducing passive
components and eliminating the inductor +
capacitor (LC) filters in most applications.
Advanced electromagnetic interference (EMI)
reduction techniques allow excellent electromagnetic
compliance (EMC) performance, even when used with
ferrite bead + capacitor (BC) filters. Several power
consumption methods have been implemented to
minimize idle power consumption (IPC).




Similar Part No. - TAS5802PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5805M TI1-TAS5805M Datasheet
1Mb / 88P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805M TI1-TAS5805M Datasheet
2Mb / 86P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805M TI-TAS5805M Datasheet
3Mb / 90P
TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
TAS5805MPWP TI1-TAS5805MPWP Datasheet
2Mb / 86P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805MPWPR TI1-TAS5805MPWPR Datasheet
1Mb / 88P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
More results


Similar Description - TAS5802PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
TAS5780M TI1-TAS5780M Datasheet
2Mb / 204P
Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
TAS5825M TI1-TAS5825M Datasheet
883Kb / 71P
4.5 V to 26.4 V, 38-W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96-kHz/192-kHz Extended Audio Processing
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
TAS5805M TI1-TAS5805M Datasheet
1Mb / 88P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805M TI1-TAS5805M_18 Datasheet
2Mb / 86P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5806M TI1-TAS5806M Datasheet
2Mb / 91P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Power Dissipation
TAS5806MD TI1-TAS5806MD Datasheet
2Mb / 95P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and DirectPathTM HP Driver
TAS5822M TI-TAS5822M Datasheet
3Mb / 90P
TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com