Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1553BBKBK Datasheet (PDF) - Hammond Manufacturing Ltd.

1553BBKBK Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1553BBKBK
Download  1553BBKBK Download
File Size   844.41 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description ABS Plastic Hand Held Enclosures Soft Sided, Ergonomic Comfort, Battery Compartments

1553BBKBK Datasheet (PDF)

Go To PDF Page Download Datasheet
1553BBKBK Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1553BBKBK
Download  1553BBKBK Click to download

File Size   844.41 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description ABS Plastic Hand Held Enclosures Soft Sided, Ergonomic Comfort, Battery Compartments

1553BBKBK Datasheet (HTML) - Hammond Manufacturing Ltd.


1553BBKBK Product details

Key Features
Ergonomically designed for hand-held comfort.
Choice of five sizes and six color combinations.
Choice of two versions in the three larger sizes (ie...with or without battery door & compartment)
Molded in general purpose ABS plastic with an overmold, soft plastic grip.
Top cover is recessed for membrane display or keypad.
P.C. board standoffs are molded into case (see drawings or photos for more details).
Includes removable front panel (for easy modifications) and assembly hardware (except for smallest 1553A units).
Battery door & compartment version includes 4 battery clips (for 2 - AA batteries) and a 9 volt (PP3) battery clip.
Gray 1553 series enclosures include nickel plated screws. All other color use black screws. Refer to product datasheets for correct part numbers.
For similar enclosures designed for water-tight applications, try series 1553W

Photo Features
Perfect for handheld use.
Battery version comes with clips for AA for 9V.




Similar Part No. - 1553BBKBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1553BBKBK HAMMOND-1553BBKBK Datasheet
853Kb / 4P
ABS Plastic Hand Held Enclosures 1553 Series Soft Sided, Ergonomic Comfort, Battery Compartments
9/6/2021
1553BBKBKBAT HAMMOND-1553BBKBKBAT Datasheet
853Kb / 4P
ABS Plastic Hand Held Enclosures 1553 Series Soft Sided, Ergonomic Comfort, Battery Compartments
9/6/2021
More results


Similar Description - 1553BBKBK

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HP-3660-B BUD-HP-3660-B Datasheet
225Kb / 2P
HAND HELD PLASTIC STYLE 3
HP-3650-B BUD-HP-3650-B Datasheet
179Kb / 2P
HAND HELD PLASTIC STYLE 2
logo
List of Unclassifed Man...
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
logo
Hammond Manufacturing L...
RS5305S HAMMOND-RS5305S Datasheet
155Kb / 2P
RITEC - Sealed - ABS Plastic Enclosures
logo
Bud Industries, Inc.
HP-3649-B BUD-HP-3649-B Datasheet
47Kb / 1P
HAND-HELD PLASTIC BOX (STYLE 1)
logo
SICK AG
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
2017-05-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com