Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1207822 Datasheet (PDF) - SICK AG

1207822 Datasheet PDF - SICK AG
Part # 1207822
Download  1207822 Download
File Size   582.95 Kbytes
Page   10 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description SAFETY LIGHT CURTAINS

1207822 Datasheet (PDF)

Go To PDF Page Download Datasheet
1207822 Datasheet PDF - SICK AG

Part # 1207822
Download  1207822 Click to download

File Size   582.95 Kbytes
Page   10 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description SAFETY LIGHT CURTAINS

1207822 Datasheet (HTML) - SICK AG


1207822 Product details

Features
System part 1 Twin-Stick
Usage miniTwin2 as a standalone device
miniTwin2 as last guest for 2- or 3-device cascade
Mounting system type C-fix or L-fix bracket
Resolution 24 mm
Scanning range
Minimum 0 m ... 6 m
Typical 0 m ... 8 m
Protective field height 120 mm
Response time ≤ 13 ms
Synchronization Optical, without separate synchronization
Items supplied Twin stick
System plug
C-Fix bracket and L-Fix bracket, 2 pieces each
Test rod with diameter corresponding to the resolution of the safety light curtain
Safety instruction
Mounting instructions
Operating instructions for download




Similar Part No. - 1207822

ManufacturerPart #DatasheetDescription
logo
Heyco.
12078 HEYCO-12078 Datasheet
101Kb / 1P
Vinyl Coated Steel Clamps
logo
PHOENIX CONTACT
1207866 PHOENIX-1207866 Datasheet
44Kb / 2P
Spare knife - CF 3000 AB 0,5
1207886 PHOENIX-1207886 Datasheet
185Kb / 5P
CF 3000 AB 0,5 - Accessories
1207899 PHOENIX-1207899 Datasheet
44Kb / 2P
Spare knife - CF 3000 AB 0,75
More results


Similar Description - 1207822

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-P4B0300-N ALLEN-BRADLEY-440L-P4B0300-N Datasheet
160Kb / 8P
Safety Light Curtains
logo
SICK AG
C2C-EA04530A10000 SICK-C2C-EA04530A10000 Datasheet
192Kb / 6P
SAFETY LIGHT CURTAINS
C2C-EA09010A10000 SICK-C2C-EA09010A10000 Datasheet
192Kb / 6P
SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
SAFETY LIGHT CURTAINS
C4P-SA09030A001000 SICK-C4P-SA09030A001000 Datasheet
295Kb / 10P
SAFETY LIGHT CURTAINS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com