Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208 Datasheet (PDF) - STMicroelectronics

L6208 Datasheet PDF - STMicroelectronics
Part # L6208
Download  L6208 Download
File Size   453.88 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description FULLY INTEGRATED STEPPER MOTOR DRIVER

L6208 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6208 Datasheet PDF - STMicroelectronics

Part # L6208
Download  L6208 Click to download

File Size   453.88 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description FULLY INTEGRATED STEPPER MOTOR DRIVER

L6208 Datasheet (HTML) - STMicroelectronics


L6208 Product details

Description

The L6208 device is a DMOS fully integrated stepper motor driver with non-dissipative overcurrent protection, realized in BCD technology, which combines isolated DMOS power transistors with CMOS and bipolar circuits on the same chip. The device includes all the circuitry needed to drive a two phase bipolar stepper motor including: a dual DMOS full bridge, the constant off time PWM current controller that performs the chopping regulation and the phase sequence generator, that generates the stepping sequence. Available in PowerDIP24 (20 + 2 + 2), PowerSO36 and SO24 (20 + 2 + 2) packages, the L6208 device features a non-dissipative overcurrent protection on the high-side Power MOSFETs and thermal shutdown.



Features

• Operating supply voltage from 8 to 52 V

• 5.6 A output peak current (2.8 A RMS)

• RDS(ON) 0.3 Ω typ. value at Tj = 25 °C

• Operating frequency up to 100 KHz

• Non-dissipative overcurrent protection

• Dual independent constant tOFF PWM current controllers

• Fast/slow decay mode selection

• Fast decay quasi-synchronous rectification

• Decoding logic for stepper motor full and half step drive

• Cross conduction protection

• Thermal shutdown

• Undervoltage lockout

• Integrated fast freewheeling diodes



Applications

• Bipolar stepper motor



 




Similar Part No. - L6208

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
706Kb / 35P
DMOS driver for bipolar stepper motor
20-Feb-2014
L6208D STMICROELECTRONICS-L6208D Datasheet
706Kb / 35P
DMOS driver for bipolar stepper motor
20-Feb-2014
L6208N STMICROELECTRONICS-L6208N Datasheet
706Kb / 35P
DMOS driver for bipolar stepper motor
20-Feb-2014
L6208PD STMICROELECTRONICS-L6208PD Datasheet
706Kb / 35P
DMOS driver for bipolar stepper motor
20-Feb-2014
L6208PD013TR STMICROELECTRONICS-L6208PD013TR Datasheet
706Kb / 35P
DMOS driver for bipolar stepper motor
20-Feb-2014
More results


Similar Description - L6208

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
Integrated Circuit Stepper Motor Driver
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
Integrated Circuit Stepper Motor Driver
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
VNH3SP30 STMICROELECTRONICS-VNH3SP30 Datasheet
222Kb / 26P
FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Apr-2004
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
L6472 STMICROELECTRONICS-L6472 Datasheet
1Mb / 69P
dSPIN fully integrated microstepping motor driver
24-Jan-2012
L6474 STMICROELECTRONICS-L6474 Datasheet
741Kb / 51P
easySPIN ??fully integrated microstepping motor driver
22-Dec-2011
AN2839 STMICROELECTRONICS-AN2839 Datasheet
1Mb / 40P
L6228 fully-integrated two-phase stepper motor driver
22-Sep-2009
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com