Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150EVXBA Datasheet (PDF) - TE Connectivity Ltd

150EVXBA Datasheet PDF - TE Connectivity Ltd
Part # 150EVXBA
Download  150EVXBA Download
File Size   8009.78 Kbytes
Page   15 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description HIGH VOLTAGE DC EMI FILTER FOR EV APPLICATIONS

150EVXBA Datasheet (PDF)

Go To PDF Page Download Datasheet
150EVXBA Datasheet PDF - TE Connectivity Ltd

Part # 150EVXBA
Download  150EVXBA Click to download

File Size   8009.78 Kbytes
Page   15 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description HIGH VOLTAGE DC EMI FILTER FOR EV APPLICATIONS

150EVXBA Datasheet (HTML) - TE Connectivity Ltd


150EVXBA Product details

INTRODUCTION
New series of high voltage DC filter provides EMI attenuation for
electric vehicle (EV) charging applications and designed to IEC/
EN 61851-23 vehicle conductive charging system

APPLICATIONS
• Level 3 and above EV Fast charging application 75kW to
2.4MW
• Battery energy storage solution (BESS)
• Solar power convertor systems
• Power conversion systems

FEATURES AND BENEFITS
• State of art design with three high voltage levels (500V, 1000V,
1500V).
• Four levels of high attenuation performance - standard with and
without GND (Ground) caps, medium and high-performance
levels of EMI attenuation.
• Rated current from 150A up to 1600A.
• Designed to handle high power from 75kW to 2.4MW fast
chargers.
• Performance options with different GND capacitors.
• Meets EV conductive charging system standard
IEC/EN 61851-23.
• Support to meet UL 2202 EV Charging System Equipment.
• Small footprint compact design suitable for easy installation




Similar Part No. - 150EVXBA

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
150E SEALEVEL-150E Datasheet
661Kb / 2P
Ethernet to 4 Form C Relay Outputs Digital Interface Adapter
logo
Littelfuse
150E-1C-2.75 LITTELFUSE-150E-1C-2.75 Datasheet
384Kb / 5P
E Rated Medium Voltage Fuses
150E-1C-2.75 LITTELFUSE-150E-1C-2.75 Datasheet
346Kb / 12P
Medium Voltage Fuses
150E-1C-5.5 LITTELFUSE-150E-1C-5.5 Datasheet
384Kb / 5P
E Rated Medium Voltage Fuses
150E-1C-5.5 LITTELFUSE-150E-1C-5.5 Datasheet
346Kb / 12P
Medium Voltage Fuses
More results


Similar Description - 150EVXBA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1623 ONSEMI-CM1623 Datasheet
312Kb / 9P
EMI Filter with ESD Protection for SIM Card Applications
May 2010 ??Rev. 2
CM6317 ONSEMI-CM6317 Datasheet
128Kb / 4P
EMI Filter with ESD Protection for Data Line Applications
April, 2011 ??Rev. 3
logo
List of Unclassifed Man...
FN2200-600-99 ETC2-FN2200-600-99 Datasheet
461Kb / 4P
DC EMC/EMI Filter for PV Inverters
logo
ON Semiconductor
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
logo
CUI INC
VFM-XX CUI-VFM-XX Datasheet
633Kb / 7P
DC EMI FILTER
logo
Vincotech
10-F124NIB150SH02-LA18F08 VINCOTECH-10-F124NIB150SH02-LA18F08 Datasheet
488Kb / 10P
High DC link voltage applications
logo
Schaffner International...
FN-2211 SCHAFFNER-FN-2211 Datasheet
3Mb / 4P
Compact high current DC EMC/EMI filter
FN-2211-HV SCHAFFNER-FN-2211-HV Datasheet
1Mb / 4P
Compact high current DC EMC/EMI filter
logo
CUI INC
VFM-XX CUI-VFM-XX_V01 Datasheet
3Mb / 9P
DC EMI FILTER
01/17/2022
logo
Schaffner International...
FN2220 SCHAFFNER-FN2220 Datasheet
365Kb / 5P
DC-Busbar EMC/RFI Filter for EV charging applications
27 Oct 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com