Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8646 Datasheet (PDF) - Analog Devices

AD8646 Datasheet PDF - Analog Devices
Part # AD8646
Download  AD8646 Download
File Size   580.97 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24 MHz Rail-to-Rail Amplifiers with Shutdown Option

AD8646 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8646 Datasheet PDF - Analog Devices

Part # AD8646
Download  AD8646 Click to download

File Size   580.97 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24 MHz Rail-to-Rail Amplifiers with Shutdown Option

AD8646 Datasheet (HTML) - Analog Devices


AD8646 Product details

GENERAL DESCRIPTION
The AD8646 and the AD8647 are the dual, and the AD8648 is the quad, rail-to-rail, input and output, single-supply amplifiers featuring low offset voltage, wide signal bandwidth, low input voltage, and low current noise. The AD8647 also has a low power shutdown function.

FEATURES
   Offset voltage: 2.5 mV maximum
   Single-supply operation: 2.7 V to 5.5 V
   Low noise: 8 nV/√Hz
   Wide bandwidth: 24 MHz
   Slew rate: 11 V/μs
   Short-circuit output current: 120 mA
   Qualified for automotive applications
   No phase reversal
   Low input bias current: 1 pA
   Low supply current per amplifier: 2 mA maximum
   Unity gain stable

APPLICATIONS
   Battery-powered instruments
   Multipole filters
   ADC front ends
   Sensors
   Barcode scanners
   ASIC input or output amplifiers
   Audio amplifiers
   Photodiode amplifiers
   Datapath/mux/switch control




Similar Part No. - AD8646

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8646 AD-AD8646 Datasheet
475Kb / 12P
24 MHz Rail-to-Rail Dual Amplifier
REV. 0
AD8646 AD-AD8646 Datasheet
513Kb / 18P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. F
AD8646ARMZ AD-AD8646ARMZ Datasheet
392Kb / 20P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646ARMZ AD-AD8646ARMZ Datasheet
513Kb / 18P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. F
AD8646ARMZ AD-AD8646ARMZ Datasheet
513Kb / 18P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. F
More results


Similar Description - AD8646

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV116 NSC-LMV116 Datasheet
416Kb / 13P
Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV951 NSC-LMV951_14 Datasheet
1Mb / 24P
2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Analog Devices
AD8646 AD-AD8646_15 Datasheet
520Kb / 20P
24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647_15 Datasheet
520Kb / 20P
24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8648 AD-AD8648_15 Datasheet
520Kb / 20P
24 MHz Rail-to-Rail Amplifiers
Rev. E
logo
Texas Instruments
LMV116 TI1-LMV116 Datasheet
1Mb / 23P
LMV118 Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
logo
Analog Devices
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com