Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2TL1-10D Datasheet (PDF) - Honeywell Solid State Electronics Center

2TL1-10D Datasheet PDF - Honeywell Solid State Electronics Center
Part # 2TL1-10D
Download  2TL1-10D Download
File Size   7690.61 Kbytes
Page   17 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Military-Grade Toggle Switches

2TL1-10D Datasheet (PDF)

Go To PDF Page Download Datasheet
2TL1-10D Datasheet PDF - Honeywell Solid State Electronics Center

Part # 2TL1-10D
Download  2TL1-10D Click to download

File Size   7690.61 Kbytes
Page   17 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Military-Grade Toggle Switches

2TL1-10D Datasheet (HTML) - Honeywell Solid State Electronics Center


2TL1-10D Product details

Features and Benefits
MIL-QUALIFIED AND GLOBAL APPROVALS
MIL-DTL-3950 qualified switches are available to meet military/aerospace specifications. TL Series toggles’ environmental sealing enables switches to withstand many demanding indoor and outdoor applications. Quality construction includes a bonded seal between the toggle lever and bushing, and between the cover and case that enables switches to withstand may demanding conditions. UL recognized, CSA certified, and CE approved for global use
Military-qualified listings
VARIETY OF CIRCUITRIES AND OPERATING ACTIONS
TL Series’ 1, 2, and 4 pole options meet a variety of circuitry requirements; while 2- and 3-position, maintained and momentary toggle action, for a breadth of circuitry and actuator requirements. They thrive in a wide range of temperatures: -65 °C to 71 °C [-85 °F to 160 °F]
Locking levers reduce unintended actuation
LOCKING LEVERS
Optional lever locks (pull-to-unlock) require two separate actions to actuate the switch in order to prevent unintended actuation
MULTIPLE CONNECTION OPTIONS
MICRO SWITCH™ TL Series toggles offer three popular termination options: screw, solder lugs, and IWTS (Integrated Wire Termination Systems)
EASILY CONTROLS LOW-VOLTAGE DC APPLICATIONS
Toggle switches available with a choice of silver alloy or gold-plated contacts to handle a variety of electrical load requirements
INNOVATIVE PRODUCT DESIGN
Engineered step-design case provides added space between terminals to prevent shorting
ROBUST CONSTRUCTION
Built from military-grade components to achieve MIL-DTL-3950 requirements

Potential Applications
MILITARY AND COMMERCIAL AIRCRAFT AND HELICOPTERS
Used in fixed wing aircraft and helicopter flight decks. Honeywell has a long history of providing TL Series toggle switches in commercial and military aircraft.
AVIATION GROUND SUPPORT EQUIPMENT
Used to turn on and operate various components of aviation ground support equipment, such as pumps, lights, and lift platforms.
MILITARY LAND VEHICLES (TRACK AND WHEELED VEHICLES)
Used in military land vehicles to control lights, pumps, arming equipment, and movement control of lifts/ramps, etc.
CONSTRUCTION EQUIPMENT
Often used on road milling, road pavers, trenchers, and stump cutters to operate movement of machinery and/or turn on lights, pumps, etc.




Similar Part No. - 2TL1-10D

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
2TL1-10 HONEYWELL-2TL1-10 Datasheet
398Kb / 6P
Interactive Catalog Replaces Catalog Pages
More results


Similar Description - 2TL1-10D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
Toggle Switches
logo
Carling Technologies
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
Toggle Switches
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
Toggle Switches
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
Toggle Switches
logo
C&K Components
M837319-311 CK-COMPONENTS-M837319-311 Datasheet
367Kb / 5P
Military/Aerospace/HI-REL MIL-S-83731 Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
Toggle Switches
9103A ETC2-9103A Datasheet
67Kb / 1P
Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
Toggle Switches
54-020 NTE-54-020 Datasheet
5Mb / 21P
Toggle Switches
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com