Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ7220 Datasheet (PDF) - Monolithic Power Systems

MPQ7220 Datasheet PDF - Monolithic Power Systems
Part # MPQ7220
Download  MPQ7220 Download
File Size   1799.66 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6-Channel, Max 100mA/Ch Boost LED Driver, AEC-Q100 Qualified

MPQ7220 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ7220 Datasheet PDF - Monolithic Power Systems

Part # MPQ7220
Download  MPQ7220 Click to download

File Size   1799.66 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6-Channel, Max 100mA/Ch Boost LED Driver, AEC-Q100 Qualified

MPQ7220 Datasheet (HTML) - Monolithic Power Systems


MPQ7220 Product details

DESCRIPTION
The MPQ7220 is a boost converter with six channel current sources. It is designed for driving automotive tail lights.
The MPQ7220 uses peak current mode as its PWM control architecture. The switching frequency can be programmed by a resistor. It independently regulates the current in each LED string to the value set by an external current-setting resistor.
The device applies six internal current sources, one in each LED string terminal to achieve a current balance with 2.5% current regulation accuracy between strings. The low headroom voltage for LED regulation and on resistance of switching MOSFETs allows for high efficiency.
The MPQ7220 has rich protection modes to guarantee safe operation. Protection modes include OCP (over-current protection), OVP over-voltage protection), OTP (overtemperature protection), and LED string short and open protection. The LED current decreases at high temperatures.
The MPQ7220 is available in QFN-24 4mmx4mm) and TSSOP28-EP packages.

FEATURES
 3.5V to 36V Input Voltage Range
 Six Channels with Max 100mA per Channel
 Internal 100mΩ, 50V MOSFET
 Programmable Up to 2.2MHz fSW
 External Sync SW Function
 PWM Dimming (Dimming Frequency from 100Hz to 20kHz)
 Excellent EMI Performance, Spread Spectrum
 Disconnect VOUT from VIN
 2.5% Current Matching
 Cycle-by-Cycle Current Limiting
 Programmable LED Short Threshold
 Programmable OVP Threshold
 LED Current Auto-Decrement at High Temperatures
 LED Short/Open, OTP, OCP, Inductor Short Protection
 Fault Indicator Signal Output
 Available in QFN-24 (4mmx4mm) and TSSOP28-EP Packages
 AEC-Q100 Grade 1

APPLICATIONS
 Automotive Tail Lights




Similar Part No. - MPQ7220

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MPQ7043 CENTRAL-MPQ7043 Datasheet
137Kb / 1P
QUAD TRANSISTORS
MPQ7043 CENTRAL-MPQ7043_15 Datasheet
407Kb / 2P
SILICON NPN QUAD TRANSISTOR
MPQ7053 CENTRAL-MPQ7053 Datasheet
137Kb / 1P
QUAD TRANSISTORS
MPQ7053 CENTRAL-MPQ7053_15 Datasheet
414Kb / 2P
SILICON NPN/PNP COMPLEMENTARY QUAD TRANSISTOR
logo
Motorola, Inc
MPQ7091 MOTOROLA-MPQ7091 Datasheet
84Kb / 4P
Quad Amplifier Transistors
More results


Similar Description - MPQ7220

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
AEC-Q100 Qualified
logo
Monolithic Power System...
MPQ3386-AEC1 MPS-MPQ3386-AEC1 Datasheet
593Kb / 15P
50V, 6 String White LED Driver AEC-Q100 Qualified
EVQ3386-R-00A MPS-EVQ3386-R-00A Datasheet
239Kb / 6P
6 string White LED Driver Evaluation Board AEC-Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com