Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03122 Datasheet (PDF) - Premier Farnell Limited.

D03122 Datasheet PDF - Premier Farnell Limited.
Part # D03122
Download  D03122 Download
File Size   353.39 Kbytes
Page   3 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description True RMS Digital Multimeter w/ USB Connectivity

D03122 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03122 Datasheet PDF - Premier Farnell Limited.

Part # D03122
Download  D03122 Click to download

File Size   353.39 Kbytes
Page   3 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description True RMS Digital Multimeter w/ USB Connectivity

D03122 Datasheet (HTML) - Premier Farnell Limited.


D03122 Product details

Features
• True RMS measurement
• 4 Digit, 6,000 count LCD display with backlight
• AC/DC voltage, AC/DC current, resistance, capacitance, frequency, temperature and duty cycle measurements
• Diode and transistor test functions
• Auto and manual ranging
• Audible continuity test
• Max./min. and hold functions
• Power: 4x AA batteries

Description
True RMS Digital Multimeter, 750V/ 1000V AC/DC




Similar Part No. - D03122

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03124 DURATOOL-D03124 Datasheet
161Kb / 2P
Handheld Digital Multimeter
14/11/23 V1.2
D03125 DURATOOL-D03125 Datasheet
157Kb / 3P
31/2 Digital Multimeter
14/11/23 V1.1
D03129 DURATOOL-D03129 Datasheet
255Kb / 1P
Digital Thermometer
08/07/19 V1.0
More results


Similar Description - D03122

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380900 EXTECH-380900 Datasheet
243Kb / 1P
Dual Channel, Datalogging, True RMS MultiMeter
EX570 EXTECH-EX570 Datasheet
551Kb / 18P
True RMS Multimeter with IR Thermometer
logo
List of Unclassifed Man...
5492B ETC2-5492B Datasheet
2Mb / 5P
True RMS Bench Multimeter
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
True-rms Electrical True-rms Contractor Multimeter
logo
Extech Instruments Corp...
GX900 EXTECH-GX900 Datasheet
235Kb / 2P
GX900 True RMS Graphical MultiMeter for Android
logo
List of Unclassifed Man...
FLUKE-87-5 ETC2-FLUKE-87-5 Datasheet
937Kb / 2P
80 Series V Industrial True-RMS Multimeter with Temperature
logo
Keysight Technologies
U2741A KEYSIGHT-U2741A Datasheet
1Mb / 11P
USB Modular Digital Multimeter
logo
Fluke Corporation
8060A FLUKE-8060A Datasheet
5Mb / 140P
True-rms Multimeter
logo
B&K Precision Corporati...
5492B BK-5492B Datasheet
2Mb / 5P
True RMS Bench Multimeter
logo
Fluke Corporation
287 FLUKE-287 Datasheet
2Mb / 88P
True-rms Digital Multimeters
Rev. 1, 7/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com