Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC26901 Datasheet (PDF) - Microchip Technology

MIC26901 Datasheet PDF - Microchip Technology
Part # MIC26901
Download  MIC26901 Download
File Size   3589.47 Kbytes
Page   39 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28V, 9A Hyper Speed Control® Synchronous DC/DC

MIC26901 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC26901 Datasheet PDF - Microchip Technology

Part # MIC26901
Download  MIC26901 Click to download

File Size   3589.47 Kbytes
Page   39 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28V, 9A Hyper Speed Control® Synchronous DC/DC

MIC26901 Datasheet (HTML) - Microchip Technology


MIC26901 Product details

Features
• Hyper Speed Control® architecture enables
- High Delta V Operation (VIN = 28V and VOUT
= 0.8V)
- Small Output Capacitance
• Input Voltage Range: 4.5V to 28V
• Output Current Up to 9A
• Up to 95% Efficiency
• Adjustable Output Voltage from 0.8V to 5.5V
• ±1% FB Accuracy
• Any Capacitor™ Stable: Zero-to-High ESR
• 600 kHz Switching Frequency
• No External Compensation
• Power Good (PG) Output
• Foldback Current-Limit and “Hiccup Mode”
Short-Circuit Protection
• Safe Start-Up into Pre-Biased Loads
• –40°C to +125°C Junction Temperature Range
• Available in a 28-Lead 5 mm x 6 mm VQFN
Package
Applications
• Distributed Power Systems
• Communications/Networking Infrastructure
• Set-Top Box, Gateways, and Routers
• Printers, Scanners, Graphics Cards, and Video
Cards
General Description
The MIC26901 is a constant-frequency, synchronous
buck regulator that features a unique adaptive on-time
control architecture. The MIC26901 operates over an
input supply range of 4.5V to 28V and provides a
regulated output of up to 9A of output current. The
output voltage is adjustable down to 0.8V with an
ensured accuracy of ±1%, and the device operates at
a switching frequency of 600 kHz.
Microchip’s Hyper Speed Control® architecture allows
for ultra-fast transient response while reducing the
output capacitance and also makes (High VIN)/(Low
VOUT) operation possible. This adaptive tON ripple
control architecture combines the advantages of
fixed-frequency operation and fast transient response
in a single device.
The MIC26901 offers a full suite of protection features
to ensure protection of the IC during fault conditions.
These include undervoltage lockout to ensure proper
operation under power-sag conditions, internal
soft-start to reduce inrush current, foldback current
limit, “hiccup mode” short-circuit protection, and
thermal shutdown. An open-drain Power Good (PG)
pin is provided.




Similar Part No. - MIC26901

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26901 MICREL-MIC26901 Datasheet
1Mb / 30P
28V, 9A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26901YJL MICREL-MIC26901YJL Datasheet
1Mb / 30P
28V, 9A Hyper Speed Control??Synchronous DC/DC Buck Regulator
More results


Similar Description - MIC26901

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26901 MICREL-MIC26901 Datasheet
1Mb / 30P
28V, 9A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC261201 MICREL-MIC261201 Datasheet
1Mb / 30P
28V, 12A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26903 MICREL-MIC26903 Datasheet
855Kb / 31P
28V, 9A Hyper Light Load Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA Datasheet
1Mb / 28P
28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26903ZA MICREL-MIC26903ZA Datasheet
1Mb / 28P
28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26903ZA MICREL-MIC26903ZA_14 Datasheet
1Mb / 29P
28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA_14 Datasheet
1Mb / 29P
28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
logo
Microchip Technology
MIC261201 MICROCHIP-MIC261201 Datasheet
2Mb / 40P
28V, 12A Hyper Speed Control짰 Synchronous DC/DC Buck Regulator
09/14/21
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com