Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

398 Datasheet (PDF) - Littelfuse

398 Datasheet PDF - Littelfuse
Part # 398
Download  398 Download
File Size   442.51 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description TE5® Modul Protector® Fuse

398 Datasheet (PDF)

Go To PDF Page Download Datasheet
398 Datasheet PDF - Littelfuse

Part # 398
Download  398 Click to download

File Size   442.51 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description TE5® Modul Protector® Fuse

398 Datasheet (HTML) - Littelfuse


398 Product details

Description
The 398 Series TE5® Fuses are short circuit protectors, medium
Time-Lag type, and 65V rated.

Features & Benefits
■ Reduced PCB space requirements
■ Highly defined cut-off times
■ Low internal resistance
■ Flame resistant encapsulated casing
■ Available from 0.125A to 4A
■ Halogen free, Lead-free and RoHS compliant

Applications
■ Microprocessor protection




Similar Part No. - 398

ManufacturerPart #DatasheetDescription
logo
Littelfuse
398 LITTELFUSE-398 Datasheet
90Kb / 2P
CIRCUIT PROTECTORS
logo
List of Unclassifed Man...
398 ETC2-398 Datasheet
335Kb / 1P
T-1 3/4 STANDARD MIDGET GROOVE
logo
Littelfuse
398 LITTELFUSE-398 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Keystone Electronics Co...
398 KEYSTONE-398 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Multicomp Pro
3980 MULTICOMP-3980 Datasheet
209Kb / 1P
Crimp and Seal Terminal Kit - 115 Pcs
23/08/12 V1.0
More results


Similar Description - 398

ManufacturerPart #DatasheetDescription
logo
Littelfuse
39611000000 LITTELFUSE-39611000000 Datasheet
190Kb / 3P
396 Series, TE5, Time-Lag Fuse
logo
PHOENIX CONTACT
2905277 PHOENIX-2905277 Datasheet
54Kb / 2P
Fuse set - FUSE/TE5/1A/F-10PCS
09/12/2020
2905605 PHOENIX-2905605 Datasheet
54Kb / 2P
Fuse set - FUSE/TE5/6.3A/T-10PCS
09/12/2020
2907188 PHOENIX-2907188 Datasheet
51Kb / 2P
Fuse set - FUSE/TE5/160MA/F-10PCS
09/12/2020
2907190 PHOENIX-2907190 Datasheet
51Kb / 2P
Fuse set - FUSE/TE5/5A/T-10PCS
09/12/2020
logo
Littelfuse
BMZS LITTELFUSE-BMZS Datasheet
236Kb / 1P
BATTERY-MOUNTED ZCASE® FUSE HOLDER
2021 Littelfuse, Inc.
logo
Advantech Co., Ltd.
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
Lapp.
44424004 LAPP-44424004 Datasheet
149Kb / 2P
EPIC® MC MODUL PNEUMATIC 1pole
17.09.2018
44424008 LAPP-44424008 Datasheet
153Kb / 2P
EPIC® MC MODUL PNEUMATIC 2pole
17.09.2018
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com