Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4417-3 Datasheet (PDF) - Analog Devices

ADA4417-3 Datasheet PDF - Analog Devices
Part # ADA4417-3
Download  ADA4417-3 Download
File Size   435.29 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Triple Video Filter for High Definition Video

ADA4417-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4417-3 Datasheet PDF - Analog Devices

Part # ADA4417-3
Download  ADA4417-3 Click to download

File Size   435.29 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Triple Video Filter for High Definition Video

ADA4417-3 Datasheet (HTML) - Analog Devices


ADA4417-3 Product details

FEATURES
Optimized for high definition video
Sixth-order Butterworth filters
−1 dB bandwidth of 38 MHz
44 dB rejection at 75 MHz
5 ns group delay variation
Fixed throughput gain of ×2
0.06% differential gain
0.21° differential phase
Pin selectable output offset (DCO)
Single-supply operation
3.3 V to 5 V range
Rail-to-rail output
Output ESD protection exceeds 8 kV
Small packaging: 10-lead MSOP




Similar Part No. - ADA4417-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4417-3 AD-ADA4417-3 Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
ADA4417-3ARMZ AD-ADA4417-3ARMZ Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
ADA4417-3ARMZ-R7 AD-ADA4417-3ARMZ-R7 Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
ADA4417-3ARMZ-RL AD-ADA4417-3ARMZ-RL Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
ADA4417-3 AD-ADA4417-3_15 Datasheet
435Kb / 16P
Integrated Triple Video Filter for High Definition Video
REV. A
More results


Similar Description - ADA4417-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4417-3 AD-ADA4417-3 Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
logo
STMicroelectronics
TSH173 STMICROELECTRONICS-TSH173 Datasheet
191Kb / 13P
Triple video buffer with filter for SD video
21-Mar-2007
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
Triple, Standard Definition Video Amplifiers
logo
STMicroelectronics
TSH346 STMICROELECTRONICS-TSH346 Datasheet
380Kb / 18P
Triple video buffer/filter for HD video applications
16-Dec-2008
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
Triple, Standard Definition Video Amplifiers
logo
SG Micro Corp
SGM9125 SGMICRO-SGM9125 Datasheet
292Kb / 10P
Definition Video Filter Driver
SGM9126 SGMICRO-SGM9126 Datasheet
293Kb / 10P
Definition Video Filter Driver
logo
Analog Devices
ADA4412-3 AD-ADA4412-3_15 Datasheet
385Kb / 16P
Integrated Triple Video Filter with Selectable
REV. 0
ADA4417-3 AD-ADA4417-3_15 Datasheet
435Kb / 16P
Integrated Triple Video Filter for High Definition Video
REV. A
logo
Maxim Integrated Produc...
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
Three-Channel, High-Definition Video Filter
Rev 0; 1/08
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com