Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9101 Datasheet (PDF) - Maxim Integrated Products

DS9101 Datasheet PDF - Maxim Integrated Products
Part # DS9101
Download  DS9101 Download
File Size   282.54 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1024-Bit EEPROM iButton

DS9101 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS9101 Datasheet PDF - Maxim Integrated Products

Part # DS9101
Download  DS9101 Click to download

File Size   282.54 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1024-Bit EEPROM iButton

DS9101 Datasheet (HTML) - Maxim Integrated Products


DS9101 Product details

General Description
The DS1972 is a 1024-bit, 1-Wire® EEPROM chip organized as four memory pages of 256 bits each in a
rugged iButton® package. Data is written to an 8-byte
scratchpad, verified, and then copied to the EEPROM
memory. As a special feature, the four memory pages
can individually be write protected or put in EPROMemulation mode, where bits can only be changed from
a 1 to a 0 state. The DS1972 communicates over the
single-conductor 1-Wire bus. The communication follows the standard 1-Wire protocol. Each device has its
own unalterable and unique 64-bit ROM registration
number that is factory lasered into the device. The registration number is used to address the device in a multidrop, 1-Wire net environment.

Applications
Access Control/Parking Meter
Work-in-Progress Tracking
Tool Management
Inventory Control
Maintenance/Inspection Data Storage

Features
♦ 1024 Bits of EEPROM Memory Partitioned Into
Four Pages of 256 Bits
♦ Individual Memory Pages Can Be Permanently
Write Protected or Put in EPROM-Emulation Mode
(“Write to 0”)
♦ Switchpoint Hysteresis and Filtering to Optimize
Performance in the Presence of Noise
♦ IEC 1000-4-2 Level 4 ESD Protection (±8kV
Contact, ±15kV Air, Typical)
♦ Reads and Writes Over a Wide Voltage Range
from 2.8V to 5.25V from -40°C to +85°C
♦ Communicates to Host with a Single Digital
Signal at 15.4kbps or 125kbps Using 1-Wire
Protocol




Similar Part No. - DS9101

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9101 DALLAS-DS9101 Datasheet
72Kb / 12P
RTC iButton
DS9101 DALLAS-DS9101 Datasheet
729Kb / 22P
Temperature iButton
logo
Maxim Integrated Produc...
DS9101 MAXIM-DS9101 Datasheet
139Kb / 12P
Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
DS9101 MAXIM-DS9101 Datasheet
675Kb / 42P
Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
DS9101 MAXIM-DS9101 Datasheet
649Kb / 55P
Hygrochron Temperature/Humidity Logger
Rev 4; 4/11
More results


Similar Description - DS9101

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1971 DALLAS-DS1971 Datasheet
234Kb / 3P
256-Bit EEPROM iButton
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS1972 MAXIM-DS1972 Datasheet
273Kb / 23P
1024-Bit EEPROM iButton
REV: 083006
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
1024-Bit 1-Wire EEPROM
Rev 8; 10/09
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS1971 MAXIM-DS1971 Datasheet
265Kb / 4P
256-Bit EEPROM iButton®
7/09
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
1024-Bit EEPROM iButton
Rev 3; 4/10
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
1024-Bit, 1-Wire EEPROM
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com