Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANRBD1007 Datasheet (PDF) - Infinite Electronics International, Inc.

FMANRBD1007 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMANRBD1007
Download  FMANRBD1007 Download
File Size   509.93 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.15 dBi, UHF Rubber Duck Antenna, 412-520 MHz, I-COM Connector, Vertical Polarization

FMANRBD1007 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMANRBD1007 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMANRBD1007
Download  FMANRBD1007 Click to download

File Size   509.93 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.15 dBi, UHF Rubber Duck Antenna, 412-520 MHz, I-COM Connector, Vertical Polarization

FMANRBD1007 Datasheet (HTML) - Infinite Electronics International, Inc.


FMANRBD1007 Product details

Features:
• 412 MHz to 520 MHz,
2.15 dBi Gain
• I-COM connector
• Heliflex whip antenna
• Plug and play
• 20W power handling
• VSWR < 3:1
• Vertical polarization




Similar Part No. - FMANRBD1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMANRBD1000 FAIRVIEW-FMANRBD1000 Datasheet
332Kb / 4P
1.8 dBi, UHF Rubber Duck Antenna, 448-481 MHz, SMA Female Connector, Vertical Polarization
B
FMANRBD1001 FAIRVIEW-FMANRBD1001 Datasheet
327Kb / 4P
2.15 dBi, UHF Rubber Duck Antenna, 400-470 MHz, SMA Male Connector, Vertical Polarization
B
FMANRBD1002 FAIRVIEW-FMANRBD1002 Datasheet
328Kb / 4P
1.8 dBi, UHF Rubber Duck Antenna, 400-470 MHz, MOTO Connector, Vertical Polarization
B
FMANRBD1003 FAIRVIEW-FMANRBD1003 Datasheet
326Kb / 4P
1.8 dBi, VHF Rubber Duck Antenna, 142-154 MHz, MOTO Connector, Vertical Polarization
B
FMANRBD1004 FAIRVIEW-FMANRBD1004 Datasheet
330Kb / 4P
2.15 dBi, 3.5 inch UHF Rubber Duck Antenna, 426-505 MHz, SMA Male Connector, Vertical Polarization
B
More results


Similar Description - FMANRBD1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51078 PASTERNACK-PE51078 Datasheet
305Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 5dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com