Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8290 Datasheet (PDF) - Analog Devices

AD8290 Datasheet PDF - Analog Devices
Part # AD8290
Download  AD8290 Download
File Size   541.8 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description G = 50, CMOS Sensor Amplifier with Current Excitation

AD8290 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8290 Datasheet PDF - Analog Devices

Part # AD8290
Download  AD8290 Click to download

File Size   541.8 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description G = 50, CMOS Sensor Amplifier with Current Excitation

AD8290 Datasheet (HTML) - Analog Devices


AD8290 Product details

GENERAL DESCRIPTION
The AD8290 contains both an adjustable current source to drive a sensor and a difference amplifier to amplify the signal voltage. The amplifier is set for a fixed gain of 50. The AD8290 is an excellent solution for both the drive and the sensing aspects required for pressure, temperature, and strain gage bridges.
In addition, because the AD8290 operates with low power, works with a range of low supply voltages, and is available in a low profile package, it is suitable for drive/sense circuits in portable electronics as well.
The AD8290 is available in a lead free 3.0 mm × 3.0 mm × 0.55 mm package and is operational over the industrial temperature range of −40°C to +85°C.

FEATURES
   Supply voltage range: 2.6 V to 5.5 V
   Low power
      1.2 mA + 2× excitation current
      0.5 μA shutdown current
   Low input bias current: ±100 pA
   High CMRR: 120 dB
   Space savings: 16-lead, 3.0 mm × 3.0 mm × 0.55 mm LFCSP
   Excitation current
      300 μA to 1300 μA range
      Set with external resistor

APPLICATIONS
   Bridge and sensor drives
   Portable electronics




Similar Part No. - AD8290

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8290 AD-AD8290 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8290 AD-AD8290 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8290 AD-AD8290 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
AD8290 AD-AD8290 Datasheet
805Kb / 28P
Wide Supply Range, Rail-to-Rail
REV. 0
AD8290 AD-AD8290 Datasheet
361Kb / 20P
Low Noise, Low Gain Drift, G = 2000
REV. A
More results


Similar Description - AD8290

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR112 BURR-BROWN-XTR112 Datasheet
255Kb / 16P
4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR112 TI1-XTR112 Datasheet
217Kb / 18P
4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Analog Devices
AD8290 AD-AD8290_16 Datasheet
489Kb / 21P
G = 50, CMOS Sensor Amplifier with Current Excitation
REV. B
logo
Omron Electronics LLC
ZX1 OMRON-ZX1 Datasheet
1Mb / 10P
CMOS Laser Sensor with Built-in Amplifier
logo
New Japan Radio
NJU7870Z2 NJRC-NJU7870Z2 Datasheet
1Mb / 23P
Amplifier for resolver excitation
Ver.1.0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com