Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2C12UL Datasheet (PDF) - Altech corporation

2C12UL Datasheet PDF - Altech corporation
Part # 2C12UL
Download  2C12UL Download
File Size   1441.29 Kbytes
Page   1 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description UL-Series - UL489 Miniature Molded Case Circuit Breaker - 2 pole C-Trip - AC

2C12UL Datasheet (PDF)

Go To PDF Page Download Datasheet
2C12UL Datasheet PDF - Altech corporation

Part # 2C12UL
Download  2C12UL Click to download

File Size   1441.29 Kbytes
Page   1 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description UL-Series - UL489 Miniature Molded Case Circuit Breaker - 2 pole C-Trip - AC

2C12UL Datasheet (HTML) - Altech corporation




Similar Part No. - 2C12UL

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2C1.0HH BELDEN-2C1.0HH Datasheet
157Kb / 2P
MachFlex™ LiHH, 2 C 1 mm² Str BC, PE Ins, LSZH Jkt
02-15-2024
2C1.0HH-006100M BELDEN-2C1.0HH-006100M Datasheet
157Kb / 2P
MachFlex™ LiHH, 2 C 1 mm² Str BC, PE Ins, LSZH Jkt
02-15-2024
2C1.0HH-006200M BELDEN-2C1.0HH-006200M Datasheet
157Kb / 2P
MachFlex™ LiHH, 2 C 1 mm² Str BC, PE Ins, LSZH Jkt
02-15-2024
2C1.0HH-006300M BELDEN-2C1.0HH-006300M Datasheet
157Kb / 2P
MachFlex™ LiHH, 2 C 1 mm² Str BC, PE Ins, LSZH Jkt
02-15-2024
2C1.0HH-010100M BELDEN-2C1.0HH-010100M Datasheet
157Kb / 2P
MachFlex™ LiHH, 2 C 1 mm² Str BC, PE Ins, LSZH Jkt
02-15-2024
More results


Similar Description - 2C12UL

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
Molded Case Circuit Breakers UL489 Listed
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
2CU02L ALTECH-2CU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
3DU02L ALTECH-3DU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
logo
Schneider Electric
PGP36080U44ASA SCHNEIDER-PGP36080U44ASA Datasheet
149Kb / 2P
Molded Case Circuit Breaker 600V 800A, Shunt Trip
Oct 26, 2020
PJL36080CU31ASA SCHNEIDER-PJL36080CU31ASA Datasheet
144Kb / 2P
Molded Case Circuit Breaker 600V 600A, Shunt Trip
Oct 29, 2020
PJL36080U31ASA SCHNEIDER-PJL36080U31ASA Datasheet
144Kb / 2P
Molded Case Circuit Breaker 600V 800A, Shunt Trip
Oct 29, 2020
PJL36080U33ASA SCHNEIDER-PJL36080U33ASA Datasheet
144Kb / 2P
Molded Case Circuit Breaker 600V 800A, Shunt Trip
Oct 29, 2020
PJL36120U31ESK SCHNEIDER-PJL36120U31ESK Datasheet
126Kb / 2P
Molded Case Circuit Breaker 600V 1200A, Shunt Trip
Oct 29, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com