Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC040SMB120BVAO Datasheet (PDF) - Microchip Technology

MSC040SMB120BVAO Datasheet PDF - Microchip Technology
Part # MSC040SMB120BVAO
Download  MSC040SMB120BVAO Download
File Size   584.57 Kbytes
Page   13 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200V, 40 mΩ N-Channel mSiC™ MOSFET

MSC040SMB120BVAO Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC040SMB120BVAO Datasheet PDF - Microchip Technology

Part # MSC040SMB120BVAO
Download  MSC040SMB120BVAO Click to download

File Size   584.57 Kbytes
Page   13 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200V, 40 mΩ N-Channel mSiC™ MOSFET

MSC040SMB120BVAO Datasheet (HTML) - Microchip Technology


MSC040SMB120BVAO Product details

Features
• Low capacitances and low gate charge
• Fast switching speed due to low internal gate resistance (ESR)
• Stable operation at high junction temperature, TJ(max) = 175 °C
• Fast and reliable body diode
• Superior avalanche ruggedness (100% UIS production tested)
• Creepage distance (Typ. > 2.55 mm)
• RoHS compliant
Applications
• Photovoltaic (PV) inverter, converter, and industrial motor drives
• Smart grid transmission and distribution
• Induction heating and welding
• Hybrid Electric Vehicle (HEV) powertrain and Electric Vehicle (EV)
charger
• Power supply and distribution




Similar Part No. - MSC040SMB120BVAO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC040SMB120B4N MICROCHIP-MSC040SMB120B4N Datasheet
595Kb / 12P
1200V, 40 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC040SMB120B4NVAO MICROCHIP-MSC040SMB120B4NVAO Datasheet
595Kb / 12P
1200V, 40 mΩ N-Channel mSiC™ MOSFET
12/2025
More results


Similar Description - MSC040SMB120BVAO

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K18-40E NEXPERIA-BUK9K18-40E Datasheet
732Kb / 13P
Dual N-channel 40 V, 19.5 mΩ logic level MOSFET
16 March 2016
PSMN2R2-40PS NEXPERIA-PSMN2R2-40PS Datasheet
749Kb / 13P
N-channel 40 V 2.1 mΩ standard level MOSFET
22 February 2013
PSMN2R6-40YS NEXPERIA-PSMN2R6-40YS Datasheet
733Kb / 13P
N-channel LFPAK 40 V 2.8 mΩ standard level MOSFET
Rev. 01 - 23 June 2009
PSMN3R3-40YS NEXPERIA-PSMN3R3-40YS Datasheet
829Kb / 15P
N-channel LFPAK 40 V 3.3 mΩ standard level MOSFET
Rev. 04 - 25 October 2010
PSMN4R0-40YS NEXPERIA-PSMN4R0-40YS Datasheet
956Kb / 15P
N-channel LFPAK 40 V 4.2 mΩ standard level MOSFET
Rev. 02 - 12 July 2010
PSMN4R5-40PS NEXPERIA-PSMN4R5-40PS Datasheet
738Kb / 13P
N-channel 40 V 4.6 mΩ standard level MOSFET
Rev. 02 - 25 June 2009
PSMN5R8-40YS NEXPERIA-PSMN5R8-40YS Datasheet
828Kb / 15P
N-channel LFPAK 40 V 5.7 mΩ standard level MOSFET
Rev. 03 - 25 October 2010
PSMN8R0-40PS NEXPERIA-PSMN8R0-40PS Datasheet
727Kb / 14P
N-channel 40 V 7.6 mΩ standard level MOSFET
Rev. 02 - 25 June 2009
PSMN8R3-40YS NEXPERIA-PSMN8R3-40YS Datasheet
724Kb / 13P
N-channel LFPAK 40 V 8.6 mΩ standard level MOSFET
Rev. 01 - 25 June 2009
PSMN014-40YS NEXPERIA-PSMN014-40YS Datasheet
824Kb / 15P
N-channel LFPAK 40 V, 14 mΩ standard level MOSFET
Rev. 03 - 25 October 2010
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com