Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1568 Datasheet (PDF) - Analog Devices

LT1568 Datasheet PDF - Analog Devices
Part # LT1568
Download  LT1568 Download
File Size   277.69 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Very Low Noise, High Frequency Active RC, Filter Building Block

LT1568 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1568 Datasheet PDF - Analog Devices

Part # LT1568
Download  LT1568 Click to download

File Size   277.69 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Very Low Noise, High Frequency Active RC, Filter Building Block

LT1568 Datasheet (HTML) - Analog Devices


LT1568 Product details

FEATURES
n Up to 10MHz Center Frequency on a Single 3V
Supply
n Easy to Use—A Single Resistor Value Sets Lowpass
Cutoff Frequency (200kHz £ ¦C £ 5MHz), Unequal
Resistor Values Extend Cutoff Frequency Up to
10MHz
n Extremely Flexible—Different Resistor Values
Allow Lowpass Transfer Functions with or Without
Gain (Butterworth, Chebyshev or Custom)
n SNR = 92dB (¦C = 2MHz, 2VP-P)
n THD = –84dB (¦C = 2MHz, 1VP-P)
n Internal Capacitors Trimmed to ±0.75%
n Single 4-Pole Lowpass Filter or Matched Pair of
2-Pole Lowpass Filters
n Can be Connected as a Bandpass Filter
n Single-Ended or Differential Output
n Operates from Single 3V (2.7V Min) to ±5V Supply
n Rail-to-Rail Input and Output Voltages




Similar Part No. - LT1568

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1568 LINER-LT1568 Datasheet
271Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
LT1568 LINER-LT1568 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1568 LINER-LT1568 Datasheet
203Kb / 16P
1.4nV/?숰z 180MHz Filter Building Block
LT1568 LINER-LT1568 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1568 LINER-LT1568 Datasheet
282Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
More results


Similar Description - LT1568

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1067 LINER-LTC1067 Datasheet
477Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1562-2 LINER-LTC1562-2 Datasheet
179Kb / 16P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562 LINER-LTC1562 Datasheet
490Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
LT1568 LINER-LT1568 Datasheet
271Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Dimensions Semic...
LT1568CGNPBF LINEAR_DIMENSIONS-LT1568CGNPBF Datasheet
282Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Integrated Syste...
LTC1562CN LINEAR-LTC1562CN Datasheet
319Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
logo
Linear Technology
LT1568 LINER-LT1568_15 Datasheet
282Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
LTC1562-2 LINER-LTC1562-2_15 Datasheet
239Kb / 16P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1067-50 LINER-LTC1067-50_15 Datasheet
299Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1562 LINER-LTC1562_15 Datasheet
351Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com