Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1059 Datasheet (PDF) - Analog Devices

LTC1059 Datasheet PDF - Analog Devices
Part # LTC1059
Download  LTC1059 Download
File Size   121.42 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Switched Capacitor Universal Filter

LTC1059 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1059 Datasheet PDF - Analog Devices

Part # LTC1059
Download  LTC1059 Click to download

File Size   121.42 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Switched Capacitor Universal Filter

LTC1059 Datasheet (HTML) - Analog Devices


LTC1059 Product details

FEATURES
■ All Filter Parameters Guaranteed Over Temperature
■ Wide Center Frequency Range (0.1Hz to 40kHz)
■ Low Noise, Wide Dynamic Range
■ Guaranteed Operation for ±2.37V and ±5V Supply
■ Low Power Consumption
■ Guaranteed Clock-to-Center Frequency Accuracy of
0.8%
■ Guaranteed Low Offset Voltages Over Temperature
■ Very Low Center Frequency and Q Tempco
■ Clock Input T2L or CMOS Compatible
■ Separate Highpass (or Notch or Allpass), Bandpass,
Lowpass Outputs




Similar Part No. - LTC1059

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
High Performance Switched Capacitor Universal Filter
LTC1059 LINER-LTC1059 Datasheet
120Kb / 8P
High Performance Switched Capacitor Universal Filter
LTC1059 LINER-LTC1059 Datasheet
126Kb / 8P
High Performance Switched Capacitor Universal Filter
LTC1059AC LINER-LTC1059AC Datasheet
462Kb / 8P
High Performance Switched Capacitor Universal Filter
LTC1059ACJ LINER-LTC1059ACJ Datasheet
462Kb / 8P
High Performance Switched Capacitor Universal Filter
More results


Similar Description - LTC1059

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMF100 NSC-LMF100 Datasheet
868Kb / 28P
High Performance Dual Switched Capacitor Filter
MF10 NSC-MF10 Datasheet
706Kb / 20P
Universal Monolithic Dual Switched Capacitor Filter
logo
Linear Technology
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
High Performance Switched Capacitor Universal Filter
LTC1059CS LINER-LTC1059CS Datasheet
175Kb / 3P
High Performance Switched Capacitor Universal Filter?
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
Linear Technology
LT1059 LINER-LT1059 Datasheet
458Kb / 8P
HIGH PERFORMANCE SWITCHED CAPACITOR UNIVERSAL FILTER
LTC1059 LINER-LTC1059_09 Datasheet
120Kb / 8P
High Performance Switched Capacitor Universal Filter
logo
Texas Instruments
MF5 TI1-MF5 Datasheet
542Kb / 18P
Universal Monolithic Switched Capacitor Filter
logo
Linear Technology
LTC1059 LINER-LTC1059_15 Datasheet
126Kb / 8P
High Performance Switched Capacitor Universal Filter
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
Universal Monolithic Dual Switched Capacitor Filter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com