Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1060 Datasheet (PDF) - Analog Devices

LTC1060 Datasheet PDF - Analog Devices
Part # LTC1060
Download  LTC1060 Download
File Size   264.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Universal Dual Filter Building Block

LTC1060 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1060 Datasheet PDF - Analog Devices

Part # LTC1060
Download  LTC1060 Click to download

File Size   264.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Universal Dual Filter Building Block

LTC1060 Datasheet (HTML) - Analog Devices


LTC1060 Product details

FEATURES
■ Guaranteed Filter Specification for ±2.37V and
±5V Supply
■ Operates Up to 30kHz
■ Low Power and 88dB Dynamic Range at ±2.5V Supply
■ Center Frequency Q Product Up to 1.6MHz
■ Guaranteed Offset Voltages
■ Guaranteed Clock-to-Center Frequency Accuracy Over
Temperature:
0.3% for LTC1060A
0.8% for LTC1060
■ Guaranteed Q Accuracy Over Temperature
■ Low Temperature Coefficient of Q and Center
Frequency
■ Low Crosstalk, 70dB
■ Clock Inputs TTL and CMOS Compatible




Similar Part No. - LTC1060

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LTC1060AC LINER-LTC1060AC Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060ACJ LINER-LTC1060ACJ Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060ACJ LINER-LTC1060ACJ Datasheet
263Kb / 20P
Universal Dual Filter Building Block
More results


Similar Description - LTC1060

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
LTC1061 LINER-LTC1061 Datasheet
352Kb / 16P
High Performance Triple Universal Filter Building Block
LTC1061CS LINER-LTC1061CS Datasheet
212Kb / 3P
High Performance Triple Universal Filter Building Block?
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
LTC1061 LINER-LTC1061_15 Datasheet
335Kb / 16P
High Performance Triple Universal Filter Building Block
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com