Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1063 Datasheet (PDF) - Analog Devices

LTC1063 Datasheet PDF - Analog Devices
Part # LTC1063
Download  LTC1063 Download
File Size   279.88 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter

LTC1063 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1063 Datasheet PDF - Analog Devices

Part # LTC1063
Download  LTC1063 Click to download

File Size   279.88 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter

LTC1063 Datasheet (HTML) - Analog Devices


LTC1063 Product details

FEATURES
■ Clock-Tunable Cutoff Frequency
■ 1mV DC Offset (Typical)
■ 80dB CMRR (Typical)
■ Internal or External Clock
■ 50μVRMS Clock Feedthrough
■ 100:1 Clock-to-Cutoff Frequency Ratio
■ 95μVRMS Total Wideband Noise
■ 0.01% THD at 2VRMS Output Level
■ 50kHz Maximum Cutoff Frequency
■ Cascadable for Faster Roll-Off
■ Operates from ±2.375 to ±8V Power Supplies
■ Self-Clocking with 1 RC
■ Available in 8-Pin DIP and 16-Pin SO Wide Packages




Similar Part No. - LTC1063

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063 Datasheet
284Kb / 16P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
logo
Analog Devices
LTC1063 AD-LTC1063 Datasheet
256Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
REV B
LTC1063 AD-LTC1063 Datasheet
272Kb / 20P
14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
REV A
logo
Linear Technology
LTC1063CJ8 LINER-LTC1063CJ8 Datasheet
317Kb / 12P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
More results


Similar Description - LTC1063

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1569-7 LINER-LTC1569-7 Datasheet
222Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1062 LINER-LTC1062_09 Datasheet
191Kb / 16P
5th Order Lowpass Filter
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
5th Order Lowpass Filter
LTC1569-7 LINER-LTC1569-7_15 Datasheet
242Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1063 LINER-LTC1063_15 Datasheet
284Kb / 16P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com