Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM41 Datasheet (PDF) - Vishay Siliconix

TSM41 Datasheet PDF - Vishay Siliconix
Part # TSM41
Download  TSM41 Download
File Size   112.76 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4 mm Square Surface-Mount Miniature Trimmers Multi-Turn

TSM41 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM41 Datasheet PDF - Vishay Siliconix

Part # TSM41
Download  TSM41 Click to download

File Size   112.76 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4 mm Square Surface-Mount Miniature Trimmers Multi-Turn

TSM41 Datasheet (HTML) - Vishay Siliconix


TSM41 Product details

FEATURES
• 0.25 W at 85 °C
• Wide ohmic range (10 Ω to 1 MΩ)
• Low contact resistance variation (2 % or 3 Ω)
• 4 mm design meets EIA SMD standard trimmer footprint
• Pick and place centering design, with flush adjustment
• Top and side adjust styles
• Construction: sealed (to withstand board wash
processing)
• Industrial grade
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - TSM41

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM414K34 TSC-TSM414K34 Datasheet
207Kb / 4P
30V N-Channel MOSFET with Schottky Diode
TSM414K34CSRL TSC-TSM414K34CSRL Datasheet
207Kb / 4P
30V N-Channel MOSFET with Schottky Diode
More results


Similar Description - TSM41

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS63 VISHAY-TS63 Datasheet
139Kb / 3P
Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
05-Aug-04
TS6 VISHAY-TS6 Datasheet
106Kb / 4P
Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
26-Jun-07
TS63 VISHAY-TS63_07 Datasheet
117Kb / 5P
Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
24-Jul-07
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Oct-07
TSM4YJ103KR05 VISHAY-TSM4YJ103KR05 Datasheet
110Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Aug-13
TS53 VISHAY-TS53 Datasheet
129Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
12-Jan-17
TSM4 VISHAY-TSM4_17 Datasheet
125Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
14S VISHAY-14S Datasheet
60Kb / 3P
Multi-Turn 1/4 (6.35 mm) Square Wirewound Trimmers
26-Jul-2021
TS53 VISHAY-TS53_V01 Datasheet
117Kb / 6P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
13-Dec-2022
TSM4 VISHAY-TSM4_V01 Datasheet
104Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com