Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9009 Datasheet (PDF) - Mosel Vitelic, Corp

MSM9009 Datasheet PDF - Mosel Vitelic, Corp
Part # MSM9009
Download  MSM9009 Download
File Size   6.13 Kbytes
Page   1 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 80" Emulation board

MSM9009 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM9009 Datasheet PDF - Mosel Vitelic, Corp

Part # MSM9009
Download  MSM9009 Click to download

File Size   6.13 Kbytes
Page   1 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 80" Emulation board

MSM9009 Datasheet (HTML) - Mosel Vitelic, Corp


MSM9009 Product details

General Description
The MSu001 is a monolithic talking microcomputer that can memorize voice up to 22 seconds using MOSEL qualified coding method(MPCM). Its an integration of traditional 4-bit microcomputer and voice chip with minimal external components. LCD driver and miscellaneous interface are provided for versatile applications. With more than 10K ROM/RAM inside, this chip meets every intelligent novelty. Customer requested function and voice data will be built in by changing masks during fabrication.

Hardware Features
■ Low current consumption
■ Maximal function with minimal cost
■ Current output could drive 8 ohm speaker with a transistor, Vout could drive buzzer directly.
■ The voice content is stored up to 20 seconds at 6 KHz S.R. and can be separated up to 64 sections. 22 seconds at 5.51 KHz sample rate (1DA00h)
■ LCD driver provided, can drive up to 75 segments
■ Built-In clock generator
■ Built-In doubler, halver, tripler
■ Internal program ROM : 1024 x 15 bits; Internal program RAM : 64 x 4 bits
■ Two 4-bit input ports
■ Two 4-bit input/output ports
■ One 4-bit output port

Software Features
■ 78 instructions, in 48 categories
■ 4-level subroutine nesting (also used for interrupt)
■ Two external factors (INT, S&M) for interrupt
■ Two internal factors (timer, divider) for interrupt

Sample Applications
■ handy game with LCD
■ versatile timepiece with LCD
■ talking timer with LCD
■ intelligent calculator with LCD
■ smart stationery with LCD
■ talking home electronics with LCD
■ talking education kit with LCD




Similar Part No. - MSM9009

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSM9009 MOSEL-MSM9009 Datasheet
127Kb / 12P
20 VOICE SMART
More results


Similar Description - MSM9009

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSM9018 MOSEL-MSM9018 Datasheet
17Kb / 1P
180 Emulation board
MSM9026 MOSEL-MSM9026 Datasheet
116Kb / 6P
Emulation Board for S1207
MSS0306 MOSEL-MSS0306 Datasheet
45Kb / 1P
MSS0306 Emulation Board
logo
STMicroelectronics
ST7MDT1-DVP STMICROELECTRONICS-ST7MDT1-DVP Datasheet
90Kb / 2P
A LOW-COST DEVELOPMENT PACKAGE INCLUDING A FULL REAL-TIME EMULATION BOARD
Rev. 1.01
ST7MDT2-DVP STMICROELECTRONICS-ST7MDT2-DVP Datasheet
88Kb / 2P
A LOW-COST DEVELOPMENT PACKAGE INCLUDING A FULL REAL-TIME EMULATION BOARD
Rev. 1.0
logo
Winbond
W78958B WINBOND-W78958B Datasheet
272Kb / 28P
8-BIT EMULATION MICROCONTROLLER
logo
Renesas Technology Corp
R01US0068EJ0100 RENESAS-R01US0068EJ0100 Datasheet
919Kb / 56P
EEPROM Emulation Library
R20UT2645EJ0100 RENESAS-R20UT2645EJ0100 Datasheet
382Kb / 18P
EEPROM Emulation Library Pack
logo
STMicroelectronics
AN2077 STMICROELECTRONICS-AN2077 Datasheet
178Kb / 19P
EEPROM Emulation with STR71x
22-Jul-2005
logo
Zilog, Inc.
Z86CCP01ZEM ZILOG-Z86CCP01ZEM Datasheet
38Kb / 8P
In-Circuit Program Debug Emulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com