Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B240 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

B240 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # B240
Download  B240 Download
File Size   88.71 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

B240 Datasheet (PDF)

Go To PDF Page Download Datasheet
B240 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # B240
Download  B240 Click to download

File Size   88.71 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

B240 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited


B240 Product details

REVERSE VOLTAGE: 20 --- 60 V CURRENT: 2.0 A

FEATURES
◇ Plastic package has Underwriters Laborator
   Flammability Classification 94V-0
◇ For surface mounted applications
◇ Low profile package
◇ Built-in strain relief
◇ Metal silicon junction, majority carrier conduction
◇ High surge capability
◇ High current capability,low forward voltage drop
◇ Low power loss,high effciency
◇ For use in low voltage high frequency inverters,free
   wheeling and polarity protection applications
◇ Guardring for overvoltage protection
◇ High temperature soldering guaranteed:250°C/10
   seconds at terminals




Similar Part No. - B240

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B240 DIODES-B240 Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Fuji Electric
B240 FUJI-B240 Datasheet
668Kb / 1P
2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B240 WEITRON-B240 Datasheet
168Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
B240 TAYCHIPST-B240 Datasheet
1Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
B240 LUGUANG-B240 Datasheet
184Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - B240

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com