Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWP2324H-BL-R005T Datasheet (PDF) - Bourns Electronic Solutions

FWP2324H-BL-R005T Datasheet PDF - Bourns Electronic Solutions
Part # FWP2324H-BL-R005T
Download  FWP2324H-BL-R005T Download
File Size   612.11 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Riedon™ Precision Foil Power Resistors by Bourns

FWP2324H-BL-R005T Datasheet (PDF)

Go To PDF Page Download Datasheet
FWP2324H-BL-R005T Datasheet PDF - Bourns Electronic Solutions

Part # FWP2324H-BL-R005T
Download  FWP2324H-BL-R005T Click to download

File Size   612.11 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Riedon™ Precision Foil Power Resistors by Bourns

FWP2324H-BL-R005T Datasheet (HTML) - Bourns Electronic Solutions


FWP2324H-BL-R005T Product details

Features
n Formerly a Riedon™ product
n Resistance values as low as 1 mΩ
n Power rating to 40 W
n Resistance stability to ±0.1 %
n Low thermal EMF: <1 μV/°C
n Metal foil technology




Similar Part No. - FWP2324H-BL-R005T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FWP218 BOURNS-FWP218 Datasheet
631Kb / 4P
Riedon™ Precision Power Resistors by Bourns
11/25
FWP218-15A-20R0C BOURNS-FWP218-15A-20R0C Datasheet
631Kb / 4P
Riedon™ Precision Power Resistors by Bourns
11/25
FWP218-15A-20R0D BOURNS-FWP218-15A-20R0D Datasheet
631Kb / 4P
Riedon™ Precision Power Resistors by Bourns
11/25
FWP218-15A-20R0F BOURNS-FWP218-15A-20R0F Datasheet
631Kb / 4P
Riedon™ Precision Power Resistors by Bourns
11/25
FWP218-15A-20R0G BOURNS-FWP218-15A-20R0G Datasheet
631Kb / 4P
Riedon™ Precision Power Resistors by Bourns
11/25
More results


Similar Description - FWP2324H-BL-R005T

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
USN2-1410 RIEDON-USN2-1410 Datasheet
305Kb / 2P
Precision Foil Resistors
USR2-0710 RIEDON-USR2-0710 Datasheet
261Kb / 2P
Precision Foil Resistors
USR2-1410 RIEDON-USR2-1410 Datasheet
269Kb / 2P
Precision Foil Resistors
USR2-T220B RIEDON-USR2-T220B Datasheet
354Kb / 3P
Precision Foil Resistors
USR2-T220 RIEDON-USR2-T220 Datasheet
354Kb / 3P
Precision Foil Resistors
USR2-0808 RIEDON-USR2-0808_13 Datasheet
177Kb / 2P
Precision Foil Resistors
USR2-1410 RIEDON-USR2-1410_13 Datasheet
162Kb / 2P
Precision Foil Resistors
USR2-T220 RIEDON-USR2-T220_13 Datasheet
211Kb / 3P
Precision Foil Resistors
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
Precision Foil Resistors
USR2G-25KX1 RIEDON-USR2G-25KX1 Datasheet
185Kb / 2P
Precision Foil Resistors
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com