Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9233 Datasheet (PDF) - Renesas Technology Corp

DA9233 Datasheet PDF - Renesas Technology Corp
Part # DA9233
Download  DA9233 Download
File Size   876.34 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO

DA9233 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9233 Datasheet PDF - Renesas Technology Corp

Part # DA9233
Download  DA9233 Click to download

File Size   876.34 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO

DA9233 Datasheet (HTML) - Renesas Technology Corp


DA9233 Product details

■ 60 mA buck regulator
□ 750 nA total input current (buck enabled, no load)
□ Up to 80 % efficiency at 1.8 V output,
20 μA load currents
□ Input voltage 2.5 V to 5.5 V (Minimum
2.75 V for start-up)
□ Output voltage 0.6 V to 1.9 V
Dynamic Voltage Control (DVC)
■ 100 mA LDO / Load Switch
□ Ultra-low quiescent current
□ Input voltage 1.8 V to 5.5 V
□ Output voltage 0.7 V to 3.3 V
■ I2C interface for device configuration and control
■ Protection features and System Monitors
■ Small 1.65 mm x 1.25 mm x 0.5 mm, 12-pin
WLCSP package




Similar Part No. - DA9233

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9233 DIALOG-DA9233 Datasheet
895Kb / 49P
Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
logo
Renesas Technology Corp
DA9233 RENESAS-DA9233 Datasheet
999Kb / 50P
Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
22-Jan-2019
logo
Dialog Semiconductor
DA9233-A1VZ2 DIALOG-DA9233-A1VZ2 Datasheet
895Kb / 49P
Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
More results


Similar Description - DA9233

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Dialog Semiconductor
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
DA9233 DIALOG-DA9233 Datasheet
895Kb / 49P
Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
BD7XXL5FP-C ROHM-BD7XXL5FP-C Datasheet
1,000Kb / 23P
Ultra Low Quiescent Current LDO Regulator
01.May.2014 Rev.004
logo
Renesas Technology Corp
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
DA9233 RENESAS-DA9233 Datasheet
999Kb / 50P
Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
22-Jan-2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com