Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA110PL Datasheet (PDF) - Littelfuse

PAA110PL Datasheet PDF - Littelfuse
Part # PAA110PL
Download  PAA110PL Download
File Size   222.22 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 400V, 150mA Dual Single-Pole

PAA110PL Datasheet (PDF)

Go To PDF Page Download Datasheet
PAA110PL Datasheet PDF - Littelfuse

Part # PAA110PL
Download  PAA110PL Click to download

File Size   222.22 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 400V, 150mA Dual Single-Pole

PAA110PL Datasheet (HTML) - Littelfuse


PAA110PL Product details

Features
• Current Limiting
• 3750Vrms Input/Output Isolation
• Low Drive Power Requirements
• 100% Solid State
• No EMI/RFI Generation
• Small 8-Pin DIP Package
• Surface Mount and Tape Reel Versions Available.

Applications
• Telecommunications
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Industrial Controls

Description
PAA110L is a dual 400V, 150mA, 25 1-Form-A
(normally open) relay. This performance leader
provides high peak load voltage handling capability
and improved peak load current handling. Integrated
current-limiting circuitry limits current to 280mA at
room temperature.




Similar Part No. - PAA110PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA110PL CLARE-PAA110PL Datasheet
151Kb / 7P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
PAA110PL IXYS-PAA110PL Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
logo
Clare, Inc.
PAA110PLTR CLARE-PAA110PLTR Datasheet
151Kb / 7P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
PAA110PLTR IXYS-PAA110PLTR Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
More results


Similar Description - PAA110PL

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Clare, Inc.
PAA191 CLARE-PAA191 Datasheet
253Kb / 6P
Dual Single Pole OptoMOS Relays
LAA108 CLARE-LAA108 Datasheet
135Kb / 6P
Dual Single-Pole OptoMOS짰 Relay
logo
IXYS Corporation
LAA100L IXYS-LAA100L_12 Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
Dual Single Pole OptoMOS Relays
LBA126 IXYS-LBA126_12 Datasheet
152Kb / 9P
Dual Single-Pole OptoMOS Relay
PAA132 IXYS-PAA132 Datasheet
131Kb / 7P
Dual Single-Pole OptoMOS Relays
CPC1025N IXYS-CPC1025N Datasheet
167Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1225N IXYS-CPC1225N Datasheet
165Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PAA110L IXYS-PAA110L Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com