Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1067 Datasheet (PDF) - Analog Devices

LTC1067 Datasheet PDF - Analog Devices
Part # LTC1067
Download  LTC1067 Download
File Size   294.83 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block

LTC1067 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1067 Datasheet PDF - Analog Devices

Part # LTC1067
Download  LTC1067 Click to download

File Size   294.83 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block

LTC1067 Datasheet (HTML) - Analog Devices


LTC1067 Product details

FEATURES
n Rail-to-Rail Input and Output Operation
n Operates from a Single 3V to ±5V Supply
n Dual 2nd Order Filter in a 16-Lead SSOP Package
n > 80dB Dynamic Range on Single 3.3V Supply
n Clock-to-Center Frequency Ratio of 100:1 for the
LTC1067 and 50:1 for the LTC1067-50
n Internal Sampling-to-Center Frequency Ratio of
200:1 for the LTC1067 and 100:1 for the LTC1067-50
n Center Frequency Error < ±0.2% Typ
n Low Noise: < 40mVRMS, Q £ 5
n Customizable with Internal Resistors




Similar Part No. - LTC1067

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1067 LINER-LTC1067 Datasheet
477Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1067 LINER-LTC1067 Datasheet
325Kb / 30P
Clock-Tunable, Quad Second Order, Filter Building Blocks
logo
Analog Devices
LTC1067 AD-LTC1067 Datasheet
388Kb / 30P
Clock-Tunable, Quad Second Order, Filter Building Blocks
REV C
logo
Linear Technology
LTC1067-50 LINER-LTC1067-50 Datasheet
477Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1067-50 LINER-LTC1067-50 Datasheet
325Kb / 30P
Clock-Tunable, Quad Second Order, Filter Building Blocks
More results


Similar Description - LTC1067

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1067 LINER-LTC1067 Datasheet
477Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LTC1064 LINER-LTC1064_09 Datasheet
270Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_15 Datasheet
275Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
LTC1067 LINER-LTC1067_15 Datasheet
299Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1067-50 LINER-LTC1067-50_15 Datasheet
299Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com