Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1567 Datasheet (PDF) - Analog Devices

LT1567 Datasheet PDF - Analog Devices
Part # LT1567
Download  LT1567 Download
File Size   272.03 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter

LT1567 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1567 Datasheet PDF - Analog Devices

Part # LT1567
Download  LT1567 Click to download

File Size   272.03 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter

LT1567 Datasheet (HTML) - Analog Devices


LT1567 Product details

FEATURES
■ DC Gain Linearity: 14 Bits
■ Maximum DC Offset: ±1.5mV
■ DC Offset TempCo: 7μV/°C
■ Device Fully Tested at fCUTOFF = 80kHz
■ Maximum Cutoff Frequency: 120kHz (VS = ±8V)
■ Drives 1kΩ Load with 0.02% THD or Better
■ Signal-to-Noise Ratio: 90dB
■ Input Impedance: 500MΩ
■ Selectable Elliptic or Linear Phase Response
■ Operates from Single 5V up to ±8V Power Supplies
■ Available in an 18-Pin SO Wide Package




Similar Part No. - LT1567

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1567 LINER-LT1567 Datasheet
138Kb / 8P
1.4nV/Hz 175MHz Op Amp and Inverter / Filter Building Block
LT1567 LINER-LT1567 Datasheet
203Kb / 16P
1.4nV/?숰z 180MHz Filter Building Block
logo
Analog Devices
LT1567 AD-LT1567 Datasheet
277Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
LT1567 AD-LT1567 Datasheet
279Kb / 16P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
REV A
LT1567 AD-LT1567 Datasheet
204Kb / 16P
1.4nV/√Hz 180MHz Filter Building Block
REV A
More results


Similar Description - LT1567

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1569-7 LINER-LTC1569-7 Datasheet
222Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1_09 Datasheet
271Kb / 20P
14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1569-7 LINER-LTC1569-7_15 Datasheet
242Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1066-1 LINER-LTC1066-1_15 Datasheet
277Kb / 20P
14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com