Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMARGPS1000 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMARGPS1000 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMARGPS1000
Download  FMMARGPS1000 Download
File Size   441.57 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 1572.42 to 1578.42 MHz, Marine Grade GPS Active Antenna, 28 dBi, SMA Connector, White, ABS Radome, RHCP Polarization

FMMARGPS1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMARGPS1000 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMARGPS1000
Download  FMMARGPS1000 Click to download

File Size   441.57 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 1572.42 to 1578.42 MHz, Marine Grade GPS Active Antenna, 28 dBi, SMA Connector, White, ABS Radome, RHCP Polarization

FMMARGPS1000 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMARGPS1000 Product details

Features:
• Ship Marine Waterproof
GPS Antenna
• RCHP Polarization
• 1”-14 Female Threads
• 10 Meter RG58
• ABS material
• SMA-Male Connector
• 28 dBi LNA Gain
• IP67 rated antenna




Similar Part No. - FMMARGPS1000

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMARBM FAIRVIEW-FMMARBM Datasheet
439Kb / 2P
Marine Base mount - Stainless Steel - Pedestal Type
REV 1 A
FMMAROM1000 FAIRVIEW-FMMAROM1000 Datasheet
277Kb / 3P
156 to 163 MHz, Omni Marine Antenna, 3.5 dBi, UHF Female (PL259) Connector, White, Fiberglass Radome, Vertical Polarization
B
FMMAROM1001 FAIRVIEW-FMMAROM1001 Datasheet
276Kb / 3P
156 to 163 MHz, Omni Marine Antenna, 3.5 dBi, UHF Female (SO239) Connector, White, Fiberglass Radome, Vertical Polarization
B
FMMAROM1002 FAIRVIEW-FMMAROM1002 Datasheet
279Kb / 3P
156 to 163 MHz, Omni Marine Antenna, 3 dBi, UHF Female (SO239) Connector, White, Fiberglass Radome, Vertical Polarization
B
FMMAROM1003 FAIRVIEW-FMMAROM1003 Datasheet
277Kb / 3P
156 to 163 MHz, Omni Marine Antenna, 4.5 dBi, UHF Female (SO239) Connector, White, Fiberglass Radome, Vertical Polarization
B
More results


Similar Description - FMMARGPS1000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51024 PASTERNACK-PE51024 Datasheet
646Kb / 2P
OUTDOOR ISM & RFID ANTENNA 8.5 dBi; RHCP
PE51066 PASTERNACK-PE51066 Datasheet
392Kb / 1P
GPS Passive Antenna, 3.0 dBi
PE51067 PASTERNACK-PE51067 Datasheet
70Kb / 1P
GPS Active Antenna 1575 MHz, 35 dBi
logo
Molex Electronics Ltd.
1462160001 MOLEX11-1462160001 Datasheet
62Kb / 1P
RHCP LDS SMT GPS Antenna
logo
Pulse A Technitrol Comp...
RO8061 PULSE-RO8061 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 2 dBi Antenna
RO8063 PULSE-RO8063 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 4 dBi Antenna
GNSSDM26B0500 PULSE-GNSSDM26B0500 Datasheet
888Kb / 9P
GNSS IP67 Active 26dB RHCP antenna
logo
Molex Electronics Ltd.
1461680001 MOLEX-1461680001 Datasheet
49Kb / 1P
RHCP Ceramic GPS Antenna
1462160001 MOLEX-1462160001_V01 Datasheet
53Kb / 1P
RHCP LDS SMT GPS Antenna
1462160001 MOLEX-1462160001_V02 Datasheet
54Kb / 2P
RHCP LDS SMT GPS Antenna
04/01/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com