Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5582 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5582 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5582
Download  SC5582 Download
File Size   33.55 Kbytes
Page   1 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description MC CARD CONN SWITCH JACK SMT

SC5582 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5582 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5582
Download  SC5582 Click to download

File Size   33.55 Kbytes
Page   1 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description MC CARD CONN SWITCH JACK SMT

SC5582 Datasheet (HTML) - Infinite Electronics International, Inc.




Similar Part No. - SC5582

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5580 FAIRVIEW-SC5580 Datasheet
49Kb / 1P
MC CARD CONNECTOR RG316, RG174
A
More results


Similar Description - SC5582

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
2531A-04G5T SUYIN-USA-2531A-04G5T Datasheet
29Kb / 1P
USB Conn. R/A SMT Femole Type
logo
Molex Electronics Ltd.
52207-0890 MOLEX11-52207-0890 Datasheet
489Kb / 6P
1,0mm pitch FPC Conn ZIF SMT
52559-2092 MOLEX11-52559-2092 Datasheet
447Kb / 6P
0.5 FPC CONN. Z.I.F. FOR SMT. STRAIGHT
52435-2472 MOLEX11-52435-2472 Datasheet
520Kb / 5P
0.5 FPC CONN ZIF FOR SMT
logo
Tyco Electronics
84981 MACOM-84981 Datasheet
64Kb / 1P
ASSY, 1.00MM FFC CONN SMT, H
logo
Molex Electronics Ltd.
52207-1590 MOLEX-52207-1590 Datasheet
361Kb / 5P
1.0mm Pitch FPC Conn ZIF SMT
logo
VITALCONN ELECTRONICS H...
UC4273XLB02 VITALCONN-UC4273XLB02 Datasheet
222Kb / 1P
USB C TYPE SMT 1.6 CONN
UC4273XLB03 VITALCONN-UC4273XLB03 Datasheet
272Kb / 1P
USB C TYPE SMT 6.5 CONN
UC42731LB05 VITALCONN-UC42731LB05 Datasheet
350Kb / 1P
USB C TYPE SMT IPX4 CONN
logo
Tensility International...
54-00081 TENSILITY-54-00081 Datasheet
110Kb / 1P
CONN JACK PNL MNT 3.5MM STEREO
2017.08.08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com