Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-3282 Datasheet (PDF) - Intersil Corporation

HS-3282 Datasheet PDF - Intersil Corporation
Part # HS-3282
Download  HS-3282 Download
File Size   305.18 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS ARINC Bus Interface Circuit

HS-3282 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-3282 Datasheet PDF - Intersil Corporation

Part # HS-3282
Download  HS-3282 Click to download

File Size   305.18 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS ARINC Bus Interface Circuit

HS-3282 Datasheet (HTML) - Intersil Corporation


HS-3282 Product details

Description
The HS-3282 is a high performance CMOS bus interface circuit that is intended to meet the requirements of ARINC Specification 429, and similar encoded, time multiplexed serial data protocols. This device is intended to be used with the HS-3182, a monolithic Dl bipolar differential line driver designed to meet the specifications of ARINC 429. The ARINC 429 bus interface circuit consists of two (2) receivers and a transmitter operating independently as shown in Figure 1. The two receivers operate at a frequency that is ten (10) times the receiver data rate, which can be the same or different from the transmitter data rate. Although the two receivers operate at the same frequency, they are functionally independent and each receives serial data asynchronously. The transmitter section of the ARINC bus interface circuit consists mainly of a First-In First-Out (FIFO) memory and timing circuit. The FIFO memory is used to hold up to eight (8) ARINC data words for transmission serially.

Features
• ARlNC Specification 429 Compatible
• Data Rates of 100 Kilobits or 12.5 Kilobits
• Separate Receiver and Transmitter Section
• Dual and Independent Receivers, Connecting Directly to ARINC Bus
• Serial to Parallel Receiver Data Conversion
• Parallel to Serial Transmitter Data Conversion
• Word Lengths of 25 or 32 Bits
• Parity Status of Received Data
• Generate Parity of Transmitter Data
• Automatic Word Gap Timer
• Single 5V Supply
• Low Power Dissipation
• Full Military Temperature Range




Similar Part No. - HS-3282

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3282 INTERSIL-HS-3282 Datasheet
176Kb / 15P
CMOS ARINC Bus Interface Circuit
March 1997
HS-3282 INTERSIL-HS-3282 Datasheet
309Kb / 17P
CMOS ARINC Bus Interface Circuit
March 1997
logo
Renesas Technology Corp
HS-3282 RENESAS-HS-3282 Datasheet
520Kb / 19P
CMOS ARINC Bus Interface Circuit
Feb 11, 2022
More results


Similar Description - HS-3282

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3282 INTERSIL-HS-3282 Datasheet
176Kb / 15P
CMOS ARINC Bus Interface Circuit
March 1997
logo
Mitel Networks Corporat...
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
ARINC 429 Bus Interface Line Driver
June 5, 2007
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
ARINC 429 Bus Interface
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685_08 Datasheet
95Kb / 12P
ARINC INTERFACE DEVICE
logo
Intersil Corporation
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
309Kb / 17P
CMOS ARINC Bus Interface Circuit
March 1997
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com