Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8201 Datasheet (PDF) - Analog Devices

ADL8201 Datasheet PDF - Analog Devices
Part # ADL8201
Download  ADL8201 Download
File Size   808.9 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 30GHz, RF Limiter

ADL8201 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8201 Datasheet PDF - Analog Devices

Part # ADL8201
Download  ADL8201 Click to download

File Size   808.9 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 30GHz, RF Limiter

ADL8201 Datasheet (HTML) - Analog Devices


ADL8201 Product details

FEATURES
► Wideband frequency range: DC to 30GHz
► Insertion loss
► 0.3dB typical from 0.01GHz to 20GHz
► 0.7dB typical from 20GHz to 30GHz
► Power handling
► 37dBm continuous wave typical to 6GHz
► >44dBm pulsed typical to 2GHz
► Flat leakage
► 17dBm typical from 0.01GHz to 20GHz
► 15dBm typical from 20GHz to 30GHz
► Recovery time: <10ns
► Extended operating temperature range: −55°C to +125°C
► RoHS-compliant, 2mm × 2mm × 0.85mm, 8-lead LFCSP




Similar Part No. - ADL8201

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVAL1Z AD-ADL8100-EVAL1Z Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVALZ AD-ADL8100-EVALZ Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN AD-ADL8100ACPZN Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN-R7 AD-ADL8100ACPZN-R7 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results


Similar Description - ADL8201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL9011 ETC-TL9011 Datasheet
99Kb / 1P
RF LIMITER
logo
United Monolithic Semic...
CHT4690-QAG UMS-CHT4690-QAG Datasheet
486Kb / 14P
5-30GHz ATTENUATOR
logo
API Technologies Corp
TL9011 APITECH-TL9011 Datasheet
76Kb / 1P
RF LIMITER MODEL
TL9010 APITECH-TL9010 Datasheet
86Kb / 1P
RF LIMITER MODEL
logo
United Monolithic Semic...
CHT4690-QAG UMS-CHT4690-QAG_15 Datasheet
314Kb / 14P
5-30GHz ATTENUATOR
logo
Renesas Technology Corp
F5728 RENESAS-F5728 Datasheet
251Kb / 3P
mmWave Upconverter/Downconverter 24GHz to 30GHz
logo
Vishay Barry
AV0904GA-0200JN-91 BARRY-AV0904GA-0200JN-91 Datasheet
180Kb / 2P
.75W 2dB DC-30GHz Chip Attenuator
AV0904GA-0400JN-91 BARRY-AV0904GA-0400JN-91 Datasheet
174Kb / 2P
.75W 4dB DC-30GHz Chip Attenuator
REV. NOV 8 2016
AV0904GA-0800JN-91 BARRY-AV0904GA-0800JN-91 Datasheet
173Kb / 2P
.75W 8dB DC-30GHz Chip Attenuator
logo
Teledyne Technologies I...
TDSW030A2T TELEDYNE-TDSW030A2T Datasheet
810Kb / 8P
dc-30GHz Reflective GaAs SPDT Switch
June 16, 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com