Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC060SMB120B4N Datasheet (PDF) - Microchip Technology

MSC060SMB120B4N Datasheet PDF - Microchip Technology
Part # MSC060SMB120B4N
Download  MSC060SMB120B4N Download
File Size   1081.83 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200V, 60 mΩ N-Channel mSiC™ MOSFET

MSC060SMB120B4N Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC060SMB120B4N Datasheet PDF - Microchip Technology

Part # MSC060SMB120B4N
Download  MSC060SMB120B4N Click to download

File Size   1081.83 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200V, 60 mΩ N-Channel mSiC™ MOSFET

MSC060SMB120B4N Datasheet (HTML) - Microchip Technology


MSC060SMB120B4N Product details

Features
• Low capacitances and low gate charge
• Fast switching speed due to low internal gate resistance (ESR)
• Stable operation at high junction temperature, TJ(max) = 175 °C
• Fast and reliable body diode
• Superior avalanche ruggedness (100% UIS production tested)
• Creepage distance (Typ. > 8 mm)
• RoHS compliant
Applications
• Photovoltaic (PV) inverter, converter, and industrial motor drives
• Smart grid transmission and distribution
• Induction heating and welding
• Hybrid Electric Vehicle (HEV) powertrain and Electric Vehicle (EV)
charger
• Power supply and distribution




Similar Part No. - MSC060SMB120B4N

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC060SMB120B MICROCHIP-MSC060SMB120B Datasheet
1Mb / 13P
1200V, 60 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC060SMB120BVAO MICROCHIP-MSC060SMB120BVAO Datasheet
1Mb / 13P
1200V, 60 mΩ N-Channel mSiC™ MOSFET
12/2025
More results


Similar Description - MSC060SMB120B4N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK4145A RENESAS-2SK4145A Datasheet
400Kb / 8P
N-channel MOSFET 60 V, 84 A, 10 mΩ
Rev.1.00 Apr 17, 2013
RJK0603DPN-A0 RENESAS-RJK0603DPN-A0 Datasheet
513Kb / 7P
N-Channel MOSFET 60 V, 80 A, 5.2 mΩ
2020.1.9
N0605N RENESAS-N0605N Datasheet
676Kb / 7P
N-channel MOSFET 60 V, 80 A, 8.5 mΩ
2019.9.30
N0607N RENESAS-N0607N Datasheet
673Kb / 7P
N-channel MOSFET 60 V, 65 A, 8.4 mΩ
2019.9.30
N0608N RENESAS-N0608N Datasheet
678Kb / 7P
N-channel MOSFET 60 V, 52 A, 14.3 mΩ
2019.9.30
N0609N RENESAS-N0609N Datasheet
704Kb / 7P
N-channel MOSFET 60 V, 120 A, 3.0 mΩ
2019.9.30
logo
Nexperia B.V. All right...
PSMN3R0-60PS NEXPERIA-PSMN3R0-60PS Datasheet
820Kb / 14P
N-channel 60 V 3.0 mΩ standard level MOSFET
Rev. 02 - 28 October 2010
PSMN7R6-60PS NEXPERIA-PSMN7R6-60PS Datasheet
815Kb / 14P
N-channel 60 V 7.8 mΩ standard level MOSFET
Rev. 03 - 28 October 2010
PSMN015-60PS NEXPERIA-PSMN015-60PS Datasheet
802Kb / 14P
N-channel 60 V 14.8 mΩ standard level MOSFET
Rev. 3 - 23 June 2011
PSMN030-60YS NEXPERIA-PSMN030-60YS Datasheet
825Kb / 15P
N-channel LFPAK 60 V 24.7 mΩ standard level MOSFET
Rev. 02 - 25 October 2010
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com