Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS28E80 Datasheet (PDF) - Maxim Integrated Products

DS28E80 Datasheet PDF - Maxim Integrated Products
Part # DS28E80
Download  DS28E80 Download
File Size   769.74 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Gamma Radiation Resistant 1-Wire Memory

DS28E80 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28E80 Datasheet PDF - Maxim Integrated Products

Part # DS28E80
Download  DS28E80 Click to download

File Size   769.74 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Gamma Radiation Resistant 1-Wire Memory

DS28E80 Datasheet (HTML) - Maxim Integrated Products


DS28E80 Product details

General Description
The DS28E80 is a user-programmable nonvolatile memory chip. In contrast to the floating-gate storage cells,
the DS28E80 employs a storage cell technology that is
resistant to gamma radiation. The DS28E80 has 248
bytes of user memory that are organized in blocks of
8 bytes. Individual blocks can be write-protected. Each
memory block can be written 8 times. The DS28E80
communicates over the single-contact 1-Wire® bus at
standard speed or overdrive speed. Each device has its
own guaranteed unique 64-bit registration number that is
factory programmed into the chip. The communication follows the 1-Wire protocol with a 64-bit registration number
acting as node address in the case of a multiple-device
1-Wire network.

Applications
● Identification of Medical Consumables
● Identification and Calibration Medical Tools/Accessories

Features and Benefits
● High Gamma Resistance Allows User-Programmable
Manufacturing or Calibration Data Before Medical
Sterilization
• Resistant Up to 75kGy (kiloGray) of Gamma Radiation
• Reprogrammable 248 Bytes of User Memory
● Lower Block Size Provides Greater Flexibility in
Programming User Memory
• Memory is Organized as 8-Byte Blocks
• Each Block Can Be Written 8 Times
• User-Programmable Write Protection for Individual
Memory Blocks
● Advanced 1-Wire Protocol Minimizes Interface to
Just Single Contact
● Compact Package and Single IO Interface Reduces
Board Space and Enhances Reliability
• Unique Factory-Programmed, 64-Bit Identification
Number
• Communicates at 1-Wire Standard Speed
(15.3kbps max) and Overdrive Speed (76kbps max)
• Operating Range: 3.3V ±10%, -40°C to + 85°C
Reading, 0°C to +50°C Writing
• ±8kV HBM ESD Protection (typ) for IO Pin
• 6-Pin TDFN Package




Similar Part No. - DS28E80

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E80 MAXIM-DS28E80 Datasheet
5Mb / 28P
Demonstrates the Features of the DS28E80 IC
Rev 0; 11/14
DS28E80EVKIT MAXIM-DS28E80EVKIT Datasheet
5Mb / 28P
Demonstrates the Features of the DS28E80 IC
Rev 0; 11/14
More results


Similar Description - DS28E80

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSPYC260R INTERSIL-FSPYC260R Datasheet
83Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSYA9150D INTERSIL-FSYA9150D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
October 1998
logo
Microsemi Corporation
GA100 MICROSEMI-GA100 Datasheet
202Kb / 4P
SCRs Nuclear Radiation Resistant, Planar
logo
Maxim Integrated Produc...
DS9090K MAXIM-DS9090K Datasheet
450Kb / 6P
1-Wire Memory Evaluation Kit
03/07/05
logo
New Jersey Semi-Conduct...
2N5533 NJSEMI-2N5533 Datasheet
91Kb / 1P
RADIATION RESISTANT SILICON NPN POWER TRANSISTOR
logo
Tyco Electronics
2-1437394-0 MACOM-2-1437394-0 Datasheet
63Kb / 1P
ERT Series, Medium Duty Radiation Resistant
logo
EUROQUARTZ limited
SWCX1 EUROQUARTZ-SWCX1 Datasheet
145Kb / 2P
Radiation-Resistant Miniature Crystals
logo
Maxim Integrated Produc...
DS28E84 MAXIM-DS28E84 Datasheet
435Kb / 17P
DeepCover Radiation-Resistant, High-Capacity, 1-Wire Authenticator
Rev 1; 1/19
DS28E83 MAXIM-DS28E83 Datasheet
468Kb / 17P
DeepCover Radiation Resistant 1-Wire Authenticator
Rev 0; 3/18
logo
ON Semiconductor
N21C21A ONSEMI-N21C21A Datasheet
454Kb / 16P
1 Kb 1-Wire EPROM Add-Only Memory
June, 2020 ??Rev. 1
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com